Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F8963 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F8963
Description  9-Bit latched bidirectional Futurebus transceivers open-collector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8963 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F8963 Datasheet HTML 2Page - NXP Semiconductors 74F8963 Datasheet HTML 3Page - NXP Semiconductors 74F8963 Datasheet HTML 4Page - NXP Semiconductors 74F8963 Datasheet HTML 5Page - NXP Semiconductors 74F8963 Datasheet HTML 6Page - NXP Semiconductors 74F8963 Datasheet HTML 7Page - NXP Semiconductors 74F8963 Datasheet HTML 8Page - NXP Semiconductors 74F8963 Datasheet HTML 9Page - NXP Semiconductors 74F8963 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors FAST Products
Product specification
74F8962/8963
9-Bit latched bidirectional Futurebus transceivers
(open-collector)
March 11, 1993
8
AC ELECTRICAL CHARACTERISTICS FOR 74F8962
A PORT LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = 0°C to
+70
°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 5%
UNIT
CONDITION
CL = 50pF,
RL = 500
CL = 50pF,
RL = 500
CL = 50pF,
RL = 500
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Bn to AOn
Waveform 1, 2
5.0
3.5
7.0
5.5
10.0
8.5
4.5
3.5
11.0
8.5
4.5
3.5
10.5
8.5
ns
tPLH
tPHL
Propagation delay
LEBA to AOn
Waveform 1, 2
5.5
4.5
7.0
6.5
10.0
9.5
5.0
4.5
10.0
9.5
5.0
4.5
10.0
9.5
ns
tPZH
tPZL
Output enable time to high or
low, OEBA to AOn
Waveform 5, 6
7.5
8.5
9.5
10.5
12.5
13.0
6.5
7.5
13.5
14.5
6.5
7.5
13.0
13.5
ns
tPHZ
tPLZ
Output disable from high or low,
OEBA to AOn
Waveform 5, 6
3.5
4.5
5.5
6.5
8.5
9.5
2.5
4.0
10.0
10.0
2.5
4.0
9.0
9.5
ns
tsk(o)
Skew between receivers in
same package
Waveform 4
1.5
2.0
4.0
4.0
ns
B PORT LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = 0°C to
+70
°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 5%
UNIT
CONDITION
CD = 30pF,
RU = 9
CD = 30pF,
RU = 9
CD = 30pF,
RU = 9
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
AIn to Bn
Waveform 1, 2
3.5
4.0
5.5
6.0
8.5
9.5
3.0
3.5
9.0
10.5
3.0
3.5
9.0
10.0
ns
tPLH
tPHL
Propagation delay
LEAB to Bn
Waveform 1, 2
4.0
5.0
6.0
7.0
8.5
10.5
3.5
5.0
9.5
10.5
3.5
5.0
9.5
10.5
ns
tPLH
tPHL
Output enable/disable time
OEBA to Bn
Waveform 1
3.5
3.0
5.0
4.0
8.0
8.0
3.0
2.5
8.5
8.5
3.0
2.5
8.0
8.5
ns
tTLH
tTHL
Transition time, Bn port
10% to 90%, 90% to 10%
Test circuit and
waveforms
1.0
1.0
1.2
2.0
1.6
2.5
1.0
1.0
2.5
3.5
1.0
1.0
2.5
3.5
ns
tsk(o)
Skew between drivers in same
package
Waveform 4
0.5
2.5
3.0
3.0
ns
AC SETUP REQUIREMENTS FOR 74F8962
LIMITS
Tamb = +25°C
Tamb = 0°C to
+70
°C
Tamb = 0°C to
+70
°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 5%
UNIT
CONDITION
CL = 50pF,
RL = 500
CL = 50pF,
RL = 500
CL = 50pF,
RL = 500
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu(H)
tsu(L)
Setup time, high or low
AIn to LEAB
Waveform 3
3.0
1.0
3.5
2.0
3.0
1.5
ns
th(H)
th(L)
Hold time, high or low
AIn to LEAB
Waveform 3
3.0
0.0
3.5
0.0
3.0
0.0
ns
tsu(H)
tsu(L)
Setup time, high or low
Bn to LEBA
Waveform 3
2.0
1.0
2.5
1.0
2.0
1.0
ns
th(H)
th(L)
Hold time, high or low
Bn to LEBA
Waveform 3
3.0
1.5
3.5
2.0
3.0
2.0
ns
tw(L)
LEAB or LEBA pulse width, low
Waveform 3
4.5
4.5
4.5
ns


Similar Part No. - 74F8963

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
74F8966 PHILIPS-74F8966 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Similar Description - 74F8963

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
   Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
logo
Texas Instruments
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
logo
Micrel Semiconductor
SY10H602 MICREL-SY10H602 Datasheet
71Kb / 4P
   9-BIT LATCHED
logo
NXP Semiconductors
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com