Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6433V10JD1 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3DG6433V10JD1
Description  256MB - 32Mx64 SDRAM, UNBUFFERED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6433V10JD1 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3DG6433V10JD1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 7Page - White Electronic Designs Corporation W3DG6433V10JD1 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
W3DG6433V-JD1
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2005
Rev. 4
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 4.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
4
W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if “ABSOLUTE MAXIMUM RATINGS” are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, TA = 0°C to +70°C
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VCCQ+0.3
V1
Input Low Voltage
VIL
-0.3
0.8
V
2
Output High Voltage
VOH
2.4
V
IOH= -2mA
Output Low Voltage
VOL
——
0.4
V
IOL= -2mA
Input Leakage Current
ILI
-10
10
µA
3
Note:
1.
VIH (max) = 5.6V AC. The overshoot voltage duration is ≤ 3ns.
2.
VIL (min) = -2.0V AC. The undershoot voltage duration is ≤ 3ns.
3.
Any input 0V ≤ VIN ≤ VCCQ
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF = 1.4V ± 200mV
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
21
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
21
pF
Input Capacitance (CKE0)
CIN3
21
pF
Input Capacitance (CLK0)
CIN4
16
pF
Input Capacitance (CS0#)
CIN5
21
pF
Input Capacitance (DQM0-DQM7)
CIN6
11
pF
Input Capacitance (BA0-BA1)
CIN7
21
pF
Data Input/Output Capacitance (DQ0-DQ63)
COUT
9pF


Similar Part No. - W3DG6433V10JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6433V10D1 WEDC-W3DG6433V10D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V10D2 WEDC-W3DG6433V10D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6433V10JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-AD1 WEDC-WED3DG6435V-AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-D1 WEDC-WED3DG6435V-D1 Datasheet
132Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com