Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6335V7D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG6335V7D2
Description  256MB - 32Mx64 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6335V7D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG6335V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6335V7D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3DG6435V-D2
July 2004
Rev. 0
PRELIMINARY
ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
3.99
(0.157)
(2X)
8.89
(0.350)
6.35
(0.250)
P1
11.43
(0.450)
3.18
(0.125) (2X)
133.48
(5.255 MAX.)
115.57
(4.550)
6.35
(0.250)
54.61
(2.150)
1.27 ± 0.10
(0.050 ± 0.004)
3.99
(0.157 MIN.)
2.54
(0.100)
MAX.
30.48
(1.200)
MAX.
17.78
(0.700)
42.16
(1.660)
36.83
(1.450)
PACKAGE DIMENSIONS
ORDERING INFORMATION
Part Number
Speed
CAS Latency
Height*
W3DG6335V10D2
100MHz
CL=2
30.48 (1.20")
W3DG6335V7D2
133MHz
CL=2
30.48 (1.20")
W3DG6335V75D2
133MHz
CL=3
30.48 (1.20")
Note: Available with "WP" Write Protect on pin 81.
Part Number
Speed
CAS Latency
Height*
W3DG6435V10D2
100MHz
CL=2
30.48 (1.20")
W3DG6435V7D2
133MHz
CL=2
30.48 (1.20")
W3DG6435V75D2
133MHz
CL=3
30.48 (1.20")
Note: Modules are available in industrial temperature - 40°C to 85°C.


Similar Part No. - W3DG6335V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6334V10D2 WEDC-W3DG6334V10D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
W3DG6334V75D2 WEDC-W3DG6334V75D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
W3DG6334V7D2 WEDC-W3DG6334V7D2 Datasheet
127Kb / 6P
   256MB - 2x16Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6335V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-AD1 WEDC-WED3DG6435V-AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-D1 WEDC-WED3DG6435V-D1 Datasheet
132Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com