Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6464V75D1 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG6464V75D1
Description  512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6464V75D1 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG6464V75D1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6464V75D1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6464V75D1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6464V75D1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6464V75D1 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
W3DG6464V-D1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2003
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ALL DIMENSIONS ARE IN INCHES
PACKAGE DIMENSIONS
Note: For industrial temperature range product, add an "I" to the end of the part number.
2.666 MAX.
.079 MIN.
.157
1.291
.039
± .004
.126
MIN.
.158
MIN.
.250
MAX.
.181
.059
1.112
.913
.787
1.255
MAX.
Ordering Information
Speed
CAS Latency
W3DG6464V10D1
100MHz
CL=2
W3DG6464V7D1
133MHz
CL=2
W3DG6464V75D1
133MHz
CL=3


Similar Part No. - W3DG6464V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6463V10D2-G WEDC-W3DG6463V10D2-G Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6463V10D2-GG WEDC-W3DG6463V10D2-GG Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6463V10D2-M WEDC-W3DG6463V10D2-M Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6463V10D2-MG WEDC-W3DG6463V10D2-MG Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6464V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com