Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7216V-D1 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG7216V-D1
Description  128MB - 16Mx72 SDRAM, UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7216V-D1 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG7216V-D1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7216V-D1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7216V-D1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7216V-D1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7216V-D1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7216V-D1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG7216V-D1 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
W3DG7216V-D1
-JD1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2004
Rev 2
PRELIMINARY
Note: For industrial temperature range product, add an "I" to the end of the part number.
Ordering Information
Speed
CAS Latency
Height*
W3DG7216V10JD1
100MHz
CL=2
31.75 (1.25”)
W3DG7216V7JD1
133MHz
CL=2
31.75 (1.25”)
W3DG7216V75JD1
133MHz
CL=3
31.75 (1.25”)
PACKAGE DIMENSIONS FOR JD1
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
31.75
(1.25)
Max
3.81
(0.150)
MAX.
0.99
(0.039)
(± 0.004)
301
WEDC
PACKAGE DIMENSIONS FOR JD1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - W3DG7216V-D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7216V-D2 WEDC-W3DG7216V-D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
More results

Similar Description - W3DG7216V-D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com