Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7216V7AD1 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3DG7216V7AD1
Description  128MB - 16Mx72 SDRAM, UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7216V7AD1 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3DG7216V7AD1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7216V7AD1 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W3DG7216V-AD1
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2004
Rev 2
PRELIMINARY
OPERATING CURRENT CHARACTERISTICS
VCC = 3.3V, 0°C ≤ TA ≤ +70°C
Version
Parameter
Symbol
Conditions
133/100
Units
Note
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC
≤ tRC(min)
IOL = 0mA
1440
mA
1
Precharge Standby Current
in Power Down Mode
ICC2
CKE
≤ VIL(max), tCC = 10ns
18
mA
Active Standby Current in
Non-Power Down Mode
ICC3
CKE
≥ VIH(min), CS ≥ VIH(min), tcc = 10ns Input
signals are changed one time during 20ns
450
mA
Operating Current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CK
1485
mA
1
Refresh Current
ICC5
tRC
≥ tRC(min)
2970
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
27
mA
Notes:
1. Measured with outputs open.
2. Refresh period is 64ms.


Similar Part No. - W3DG7216V7AD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7216V75D1 WEDC-W3DG7216V75D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V75D2 WEDC-W3DG7216V75D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7216V75JD1 WEDC-W3DG7216V75JD1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V7D1 WEDC-W3DG7216V7D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V7D2 WEDC-W3DG7216V7D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
More results

Similar Description - W3DG7216V7AD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com