Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G00 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC1G00
Description  2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G00 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC1G00 Datasheet HTML 6Page - NXP Semiconductors 74HC1G00 Datasheet HTML 7Page - NXP Semiconductors 74HC1G00 Datasheet HTML 8Page - NXP Semiconductors 74HC1G00 Datasheet HTML 9Page - NXP Semiconductors 74HC1G00 Datasheet HTML 10Page - NXP Semiconductors 74HC1G00 Datasheet HTML 11Page - NXP Semiconductors 74HC1G00 Datasheet HTML 12Page - NXP Semiconductors 74HC1G00 Datasheet HTML 13Page - NXP Semiconductors 74HC1G00 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2002 May 15
10
Philips Semiconductors
Product specification
2-input NAND gate
74HC1G00; 74HCT1G00
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT753
SC-74A
wB
M
bp
D
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface mounted package; 5 leads
SOT753
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.100
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
02-04-16


Similar Part No. - 74HC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G00 NXP-74HC1G00 Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HC1G00GV NXP-74HC1G00GV Datasheet
75Kb / 10P
   2-input NAND gate
Rev. 04-11 July 2007
More results

Similar Description - 74HC1G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com