Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6463V7D2-S Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3DG6463V7D2-S
Description  512MB - 2x32Mx64 SDRAM UNBUFFERED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6463V7D2-S Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3DG6463V7D2-S Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 6Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 7Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 8Page - White Electronic Designs Corporation W3DG6463V7D2-S Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2005
Rev. 2
W3DG6463V-D2
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512MB – 2x32Mx64 SDRAM UNBUFFERED
FEATURES
Burst Mode Operation
Auto and Self Refresh capability
LVTTL compatible inputs and outputs
Serial Presence Detect with EEPROM
Fully synchronous: All signals are registered on the positive
edge of the system clock
Programmable Burst Lengths: 1, 2, 4, 8 or Full Page
Available in WP (Write Protect) option as:
• W3DG6363V-D2
3.3V ± 0.3V Power Supply
Dual Rank
168 pin DIMM JEDEC
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
DESCRIPTION
The W3DG6463V is a 2x32Mx64 synchronous DRAM
module which consists of sixteen 32Mx8 SDRAM
components in TSOP II package and one 2K EEPROM
in an 8 pin TSSOP package for Serial Presence Detect
which are mounted on a 168 pin DIMM multilayer FR4
Substrate.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1VSS
29
DQM1
57
DQ18
85
VSS
113
DQM5
141
DQ50
2
DQ0
30
CS0#
58
DQ19
86
DQ32
114
CS1#
142
DQ51
3DQ1
31
DNU
59
VCC
87
DQ33
115
RAS#
143
VCC
4
DQ2
32
VSS
60
DQ20
88
DQ34
116
VSS
144
DQ52
5
DQ3
33
A0
61
NC
89
DQ35
117
A1
145
NC
6VCC
34
A2
62
*VREF
90
VCC
118
A3
146
*VREF
7
DQ4
35
A4
63
CKE1
91
DQ36
119
A5
147
DNU
8
DQ5
36
A6
64
VSS
92
DQ37
120
A7
148
VSS
9
DQ6
37
A8
65
DQ21
93
DQ38
121
A9
149
DQ53
10
DQ7
38
A10/AP
66
DQ22
94
DQ39
122
BA0
150
DQ54
11
DQ8
39
BA1
67
DQ23
95
DQ40
123
A11
151
DQ55
12
VSS
40
VCC
68
VSS
96
VSS
124
VCC
152
VSS
13
DQ9
41
VCC
69
DQ24
97
DQ41
125
CK1
153
DQ56
14
DQ10
42
CK0
70
DQ25
98
DQ42
126
*A12
154
DQ57
15
DQ11
43
VSS
71
DQ26
99
DQ43
127
VSS
155
DQ58
16
DQ12
44
DNU
72
DQ27
100
DQ44
128
CKE0
156
DQ59
17
DQ13
45
CS2#
73
VCC
101
DQ45
129
CS3#
157
VCC
18
VCC
46
DQM2
74
DQ28
102
VCC
130
DQM6
158
DQ60
19
DQ14
47
DQM3
75
DQ29
103
DQ46
131
DQM7
159
DQ61
20
DQ15
48
DNU
76
DQ30
104
DQ47
132
*A13
160
DQ62
21
*CB0
49
VCC
77
DQ31
105
*CB4
133
VCC
161
DQ63
22
*CB1
50
NC
78
VSS
106
*CB5
134
NC
162
VSS
23
VSS
51
NC
79
CK2
107
VSS
135
NC
163
CK3
24
NC
52
*CB2
80
NC
108
NC
136
*CB6
164
NC
25
NC
53
*CB3
81
WP***
109
NC
137
*CB7
165
**SA0
26
VCC
54
VSS
82
**SDA
110
VCC
138
VSS
166
**SA1
27
WE#
55
DQ16
83
**SCL
111
CAS#
139
DQ48
167
**SA2
28
DQM0
56
DQ17
84
VDD
112
DQM4
140
DQ49
168
VCC
PIN NAMES
A0 – A11
Address input (Multiplexed)
BA0-1
Select Bank
DQ0-63
Data Input/Output
CK0-CK3
Clock input
CKE0,CKE1
Clock Enable input
CS0#-CS3#
Chip select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DQM0-7#
DQM
VCC
Power Supply (3.3V)
VSS
Ground
SDA
Serial data I/O
SCL
Serial clock
DNU
Do not use
NC
No Connect
WP
Write Protect
* These pins are not used in this module.
** These pins should be NC in the system which does not
support SPD.
*** WP available on the WED3DG6363V-D2 only.


Similar Part No. - W3DG6463V7D2-S

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V10D1 WEDC-W3DG6464V10D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V75D1 WEDC-W3DG6464V75D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6464V7D1 WEDC-W3DG6464V7D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
More results

Similar Description - W3DG6463V7D2-S

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com