Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7265V7D2 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3DG7265V7D2
Description  512MB- 64Mx72 SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7265V7D2 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3DG7265V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7265V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7265V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7265V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7265V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
W3DG7265V-D2
Sept. 2002
Rev. 0
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, 0°C
TA70°C)
Notes: 1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS (VIH/VIL = VCC/VSSQ)
Parameters
Symbol
Conditions
Versions
Units
Note
133
100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
1,800
1,620
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
60
mA
ICC2PS
CKE & CK ≤ VIL(max), tCC = ∞
45
mA
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC =10ns
Input signals are charged one time during 20
270
mA
ICC2NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC= ∞
Input signals are stable
90
mA
Active standby current in power-
down mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
90
mA
ICC3PS
CKE & CK ≤ VIL(max), tCC = ∞
80
Active standby in current non
power-down mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are charged one time during 20ns
450
mA
ICC3NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC = ∞
input signals are stable
315
mA
Operating current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CK
1,800
1,530
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
2,970
2,790
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
65
mA


Similar Part No. - W3DG7265V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7263V10D2 WEDC-W3DG7263V10D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7263V75D2 WEDC-W3DG7263V75D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7263V7D2 WEDC-W3DG7263V7D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7266V-D2 WEDC-W3DG7266V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
More results

Similar Description - W3DG7265V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com