Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G02 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT1G02
Description  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G02 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT1G02 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 May 17
5
Philips Semiconductors
Product specification
2-input NOR gate
74HC1G02; 74HCT1G02
DC CHARACTERISTICS
Family 74HC1G
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
−40 to +125
MIN.
TYP.(1)
MAX.
MIN.
MAX.
VIH
HIGH-level input voltage
2.0
1.5
1.2
1.5
V
4.5
3.15
2.4
3.15
V
6.0
4.2
3.2
4.2
V
VIL
LOW-level input voltage
2.0
0.8
0.5
0.5
V
4.5
2.1
1.35
1.35
V
6.0
2.8
1.8
1.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL:
IO = −20 µA
2.0
1.9
2.0
1.9
V
VI =VIH or VIL:
IO = −20 µA
4.5
4.4
4.5
4.4
V
VI =VIH or VIL:
IO = −20 µA
6.0
5.9
6.0
5.9
V
VI =VIH or VIL;
IO = −2.0 mA
4.5
4.13
4.32
3.7
V
VI =VIH or VIL;
IO = −2.6 mA
6.0
5.63
5.81
5.2
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =20 µA
2.0
0
0.1
0.1
V
VI =VIH or VIL:
IO = −20 µA
4.5
0
0.1
0.1
V
VI =VIH or VIL:
IO = −20 µA
6.0
0
0.1
0.1
V
VI =VIH or VIL;
IO = 2.0 mA
4.5
0.15
0.33
0.4
V
VI =VIH or VIL;
IO = 2.6 mA
6.0
0.16
0.33
0.4
V
ILI
input leakage current
VI =VCC or GND
6.0
−−
1.0
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
6.0
−−
10
20
µA


Similar Part No. - 74HCT1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G02 NXP-74HCT1G02 Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02 NEXPERIA-74HCT1G02 Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
logo
NXP Semiconductors
74HCT1G02GV NXP-74HCT1G02GV Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02GV NEXPERIA-74HCT1G02GV Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
74HCT1G02GV-Q100 NEXPERIA-74HCT1G02GV-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
More results

Similar Description - 74HCT1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com