Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT1G02
Description  2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G02 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT1G02 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 May 17
2
Philips Semiconductors
Product specification
2-input NOR gate
74HC1G02; 74HCT1G02
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 5 pins package
• Output capability: standard.
DESCRIPTION
The 74HC1G/HCT1G02 is a high speed Si-gate CMOS
device.
The 74HC1G/HCT1G02 provides the 2-input NOR
function. The standard output currents are half the values
compared to the 74HC/HCT02.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
∑ (CL × VCC2 × fo) = sum of outputs.
2. For HC1G the condition is VI = GND to VCC.
For HCT1G the condition is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC1G
HCT1G
tPHL/tPLH
propagation delay A and B to Y
CL = 15 pF; VCC = 5 V
79ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
notes 1 and 2
18
19
pF
INPUTS
OUTPUT
AB
Y
LL
H
LHL
HL
L
HH
L


Similar Part No. - 74HCT1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G02 NXP-74HCT1G02 Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02 NEXPERIA-74HCT1G02 Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
logo
NXP Semiconductors
74HCT1G02GV NXP-74HCT1G02GV Datasheet
75Kb / 10P
   2-input NOR gate
Rev. 04-11 July 2007
logo
Nexperia B.V. All right...
74HCT1G02GV NEXPERIA-74HCT1G02GV Datasheet
206Kb / 10P
   2-input NOR gate
Rev. 5 - 21 January 2022
74HCT1G02GV-Q100 NEXPERIA-74HCT1G02GV-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
More results

Similar Description - 74HCT1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com