Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG72128V75D1 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3DG72128V75D1
Description  1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG72128V75D1 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3DG72128V75D1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG72128V75D1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG72128V75D1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG72128V75D1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG72128V75D1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG72128V75D1 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W3DG72128V-D1
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2004
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, TA = 0°C to +70°C)
Notes: 1. Measured with outputs open.
2. Refresh period is 64ms.
Version
Parameter
Symbol
Conditions
133
100
Units
Note
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
1,890
1,710
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
145
mA
ICC2PS
CKE & CLK ≤ VIL(max), tCC = ∞
135
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc =10ns
Input signals are charged one time during 20
360
mA
ICC2NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
180
Active Standby Current in
Power-Down Mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
180
mA
ICC3PS
CKE & CLK ≤ VIL(max), tCC = ∞
130
Active Standby Current in
Non-Power Down Mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc = 10ns Input
signals are changed one time during 20ns
540
mA
ICC3NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tcc = ∞
Input signals are stable
405
mA
Operating Current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CLK
1,890
1,620
mA
1
Refresh Current
ICC5
tRC ≥ tRC(min)
3,060
2,880
mA
2
Self Refresh Current
ICC6
CKE ≤ 0.2V
130
mA


Similar Part No. - W3DG72128V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72128V75D2 WEDC-W3DG72128V75D2 Datasheet
136Kb / 6P
   1GB- 128Mx72 SDRAM, REGISTER and SPD, w/PLL
More results

Similar Description - W3DG72128V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72128V-D2 WEDC-W3DG72128V-D2 Datasheet
136Kb / 6P
   1GB- 128Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com