Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA42225M050AA Datasheet(PDF) 4 Page - DB Lectro Inc

Part # CA42225M050AA
Description  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA42225M050AA Datasheet(HTML) 4 Page - DB Lectro Inc

  CA42225M050AA Datasheet HTML 1Page - DB Lectro Inc CA42225M050AA Datasheet HTML 2Page - DB Lectro Inc CA42225M050AA Datasheet HTML 3Page - DB Lectro Inc CA42225M050AA Datasheet HTML 4Page - DB Lectro Inc CA42225M050AA Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
YH C
MAX.D C L
MAX D F
Part N umber
25
æ
æ
æ
æ
25
æ
æ
æ
æ 120HZ
Cap.T ol.–10%
(uA)
(% )
1
A
CA42105M016AA
0.5
4
1.5
A
CA42155M016AA
0.5
6
2.2
A
CA42225M016AA
0.5
6
3.3
A
CA42335M016AA
0.5
6
4.7
B
CA42475M016AA
0.7
6
6.8
B
CA42685M016AA
1
6
10
B
CA42106M016AA
1.6
8
15
C
CA42156M016AA
2.4
8
22
C
CA42226M016AA
3.5
8
33
D
CA42336M016AA
5.2
8
47
D
CA42476M016AA
7.5
8
68
E
CA42686M016AA
10.8
8
100
E
CA42107M016AA
16
10
150
F
CA42157M016AA
24
10
1
A
CA42105M025AA
0.5
4
1.5
A
CA42155M025AA
0.5
6
2.2
A
CA42225M025AA
0.5
6
3.3
B
CA42335M025AA
0.8
6
4.7
B
CA42475M025AA
1.1
6
6.8
C
CA42685M025AA
1.7
6
10
C
CA42106M025AA
2.5
8
15
D
CA42156M025AA
3.7
8
22
D
CA42226M025AA
5.5
8
33
E
CA42336M025AA
8.2
8
47
E
CA42476M025AA
11.7
8
68
F
CA42686M025AA
17
8
100
F
CA42107M025AA
25
10
0.1
A
CA42104M035AA
0.5
4
0.15
A
CA42154M035AA
0.5
4
0.22
A
CA42224M035AA
0.5
4
0.33
A
CA42334M035AA
0.5
4
0.47
A
CA42474M035AA
0.5
4
0.68
A
CA42684M035AA
0.5
4
1
A
CA42105M035AA
5
4
1.5
A
CA42155M035AA
0.5
6
2.2
B
CA42225M035AA
0.7
6
3.3
B
CA42335M035AA
1.1
6
4.7
C
CA42475M035AA
1.6
6
6.8
D
CA42685M035AA
2.3
6
10
D
CA42106M035AA
3.5
8
15
E
CA42156M035AA
5.2
8
22
E
CA42226M035AA
7.7
8
33
F
CA42336M035AA
11.5
8
47
F
CA42476M035AA
16.4
8
35 Volt Ra ting a t +85
æ
æ
æ
æ (22Volt Rating at +125æ
æ
æ
æ )
Cap.
(uF)
Case
Code
16 Volt Ra ting a t +85
æ
æ
æ
æ (10Volt Rating at +125æ
æ
æ
æ )
25 Volt Ra ting a t +85
æ
æ
æ
æ (16Volt Rating at +125æ
æ
æ
æ )
Standard Rating
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - CA42225M050AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CA4220 VISHAY-CA4220 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results

Similar Description - CA42225M050AA

ManufacturerPart #DatasheetDescription
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com