Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E16M64S-200BI Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3E16M64S-200BI
Description  16Mx64 DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M64S-200BI Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3E16M64S-200BI Datasheet HTML 1Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 2Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M64S-200BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M64S-XBX
February 2005
Rev. 4
Prior to normal operation, the SDRAM must be initialized.
The following sections provide detailed information
covering device initialization, register definition, command
descriptions and device operation.
INITIALIZATION
DDR SDRAMs must be powered up and initialized in a
predefined manner. Operational procedures other than
those specified may result in undefined operation. Power
must first be applied to VCC and VCCQ simultaneously, and
then to VREF (and to the system VTT). VTT must be applied
after VCCQ to avoid device latch-up, which may cause
permanent damage to the device. VREF can be applied any
time after VCCQ but is expected to be nominally coincident
with VTT. Except for CKE, inputs are not recognized as
valid until after VREF is applied. CKE is an SSTL_2 input
but will detect an LVCMOS LOW level after VCC is applied.
Maintaining an LVCMOS LOW level on CKE during power-
up is required to ensure that the DQ and DQS outputs will
be in the High-Z state, where they will remain until driven
in normal operation (by a read access). After all power
supply and reference voltages are stable, and the clock
is stable, the DDR SDRAM requires a 200
∝s delay prior
to applying an executable command.
Once the 200
∝s delay has been satisfied, a DESELECT
or NOP command should be applied, and CKE should
be brought HIGH. Following the NOP command, a
PRECHARGE ALL command should be applied. Next a
LOAD MODE REGISTER command should be issued for
the extended mode register (BA1 LOW and BA0 HIGH)
to enable the DLL, followed by another LOAD MODE
REGISTER command to the mode register (BA0/BA1
both LOW) to reset the DLL and to program the operating
parameters. Two-hundred clock cycles are required
between the DLL reset and any READ command. A
PRECHARGE ALL command should then be applied,
placing the device in the all banks idle state.
Once in the idle state, two AUTO REFRESH cycles must
be performed (tRFC must be satisfied.) Additionally, a LOAD
MODE REGISTER command for the mode register with
the reset DLL bit deactivated (i.e., to program operating
parameters without resetting the DLL) is required.
Following these requirements, the DDR SDRAM is ready
for normal operation.
and by the memory contoller during WRITEs. DQS is edge-
aligned with data for READs and center-aligned with data
for WRITEs. Each chip has two data strobes, one for the
lower byte and one for the upper byte.
The 128MB DDR SDRAM operates from a differential clock
(CLK and CLK#); the crossing of CLK going HIGH and
CLK# going LOW will be referred to as the positive edge
of CLK. Commands (address and control signals) are
registered at every positive edge of CLK. Input data is
registered on both edges of DQS, and output data is
referenced to both edges of DQS, as well as to both
edges of CLK.
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed. The address bits registered
coincident with the READ or WRITE command are used
to select the bank and the starting column location for the
burst access.
The DDR SDRAM provides for programmable READ
or WRITE burst lengths of 2, 4, or 8 locations. An auto
precharge function may be enabled to provide a self-
timed row precharge that is initiated at the end of the
burst access.
The pipelined, multibank architecture of DDR SDRAMs
allows for concurrent operation, thereby providing high
effective bandwidth by hiding row precharge and activation
time.
An auto refresh mode is provided, along with a power-
saving power-down mode.
FUNCTIONAL DESCRIPTION
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank and
row to be accessed (BA0 and BA1 select the bank, A0-12
select the row). The address bits registered coincident
with the READ or WRITE command are used to select the
starting column location for the burst access.


Similar Part No. - W3E16M64S-200BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-200BC WEDC-W3E16M72S-200BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BI WEDC-W3E16M72S-200BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BM WEDC-W3E16M72S-200BM Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BC WEDC-W3E16M72S-250BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BI WEDC-W3E16M72S-250BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results

Similar Description - W3E16M64S-200BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com