Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E16M72S-250BI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3E16M72S-250BI
Description  16Mx72 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M72S-250BI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3E16M72S-250BI Datasheet HTML 1Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 2Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M72S-250BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M72S-XBX
February 2005
Rev. 7
REGISTER DEFINITION
MODE REGISTER
The Mode Register is used to define the specific mode of
operation of the DDR SDRAM. This definition includes the
selection of a burst length, a burst type, a CAS latency,
and an operating mode, as shown in Figure 3. The Mode
Register is programmed via the MODE REGISTER SET
command (with BA0 = 0 and BA1 = 0) and will retain the
stored information until it is programmed again or the device
loses power. (Except for bit A8 which is self clearing).
Reprogramming the mode register will not alter the contents
of the memory, provided it is performed correctly. The Mode
Register must be loaded (reloaded) when all banks are
idle and no bursts are in progress, and the controller must
wait the specified time before initiating the subsequent
operation. Violating either of these requirements will result
in unspecified operation.
Mode register bits A0-A2 specify the burst length, A3
specifies the type of burst (sequential or interleaved),
A4-A6 specify the CAS latency, and A7-A12 specify the
operating mode.
BURST LENGTH
Read and write accesses to the DDR SDRAM are burst
oriented, with the burst length being programmable,
as shown in Figure 3. The burst length determines the
maximum number of column locations that can be accessed
for a given READ or WRITE command. Burst lengths of 2,
4 or 8 locations are available for both the sequential and
the interleaved burst types.
Reserved states should not be used, as unknown operation
or incompatibility with future versions may result.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning
that the burst will wrap within the block if a boundary is
reached. The block is uniquely selected by A1-Ai when the
burst length is set to two; by A2-Ai when the burst length
is set to four (where Ai is the most significant column
address for a given configuration); and by A3-Ai when the
burst length is set to eight. The remaining (least significant)
address bit(s) is (are) used to select the starting location
within the block. The programmed burst length applies to
both READ and WRITE bursts.
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column
address, as shown in Table 1.
READ LATENCY
The READ latency is the delay, in clock cycles, between
the registration of a READ command and the availability
of the first bit of output data. The latency can be set to 2
or 2.5 clocks.
If a READ command is registered at clock edge n, and the
latency is m clocks, the data will be available by clock edge
n+m. Table 2 below indicates the operating frequencies at
which each CAS latency setting can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
TABLE 2 – CAS LATENCY
SPEED
ALLOWABLE OPERATING
FREQUENCY (MHz)
CAS
LATENCY = 2
CAS
LATENCY = 2.5
-200
≤ 75
≤ 100
-250
≤ 100
≤ 125
-266
≤ 100
≤ 133
OPERATING MODE
The normal operating mode is selected by issuing a MODE
REGISTER SET command with bits A7-A12 each set to
zero, and bits A0-A6 set to the desired values. A DLL reset
is initiated by issuing a MODE REGISTER SET command
with bits A7 and A9-A12 each set to zero, bit A8 set to one,
and bits A0-A6 set to the desired values. Although not
required, JEDEC specifications recommend when a LOAD
MODE REGISTER command is issued to reset the DLL, it
should always be followed by a LOAD MODE REGISTER
command to select normal operating mode.
All other combinations of values for A7-A12 are reserved
for future use and/or test modes. Test modes and reserved
states should not be used because unknown operation or
incompatibility with future versions may result.


Similar Part No. - W3E16M72S-250BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72SR-200BC WEDC-W3E16M72SR-200BC Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-200BI WEDC-W3E16M72SR-200BI Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-200BM WEDC-W3E16M72SR-200BM Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-225BC WEDC-W3E16M72SR-225BC Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
W3E16M72SR-225BI WEDC-W3E16M72SR-225BI Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
More results

Similar Description - W3E16M72S-250BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72SR-XBX WEDC-W3E16M72SR-XBX Datasheet
744Kb / 16P
   16Mx72 Registered DDR SDRAM
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com