Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E16M64S-266BC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # W3E16M64S-266BC
Description  16Mx64 DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M64S-266BC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  W3E16M64S-266BC Datasheet HTML 1Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 2Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M64S-266BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M64S-XBX
February 2005
Rev. 4
FIGURE 1 – PIN CONFIGURATION
NOTE: DNU = Do Not Use; to be left unconnected for future upgrades.
NC = Not Connected Internally.
Top View
1
2
34
56
789 10
11 12 13 14 15 16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
DQ15
DQ0
DQ14
DQ1
CAS0#
CS0#
VSS
VSS
CLK3#
NC
DQ49
DQ62
DQ48
DQ63
VSS
VSS
DQ31
DQ16
DQ30
DQ17
CLK1
CKE1
VCC
VCC
CS2#
CAS2#
DQ33
DQ46
DQ32
DQ47
VCC
DQ13
DQ2
DQ12
DQ3
DQML0
WE0#
RAS0#
VSS
VSS
CKE3
CLK3
DQMH3
DQ50
DQ60
DQ51
DQ61
DQ29
DQ18
DQ28
DQ19
NC
DQMH1
CLK1#
VCCQ
VCCQ
RAS2#
WE2#
DQML2
DQ35
DQ44
DQ34
DQ45
DQ11
DQ4
DQ10
DQ5
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
DQ52
DQ57
DQ53
DQ59
DQ27
DQ20
DQ26
DQ21
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQ38
DQ42
DQ36
DQ43
DQ9
DQ6
DQ8
DQ7
DQMH0
CLK0
CKE0
VCCQ
VCCQ
CS3#
CAS3#
WE3#
DQ54
DQ56
DQ55
DQ58
DQ25
DQ22
DQ24
DQ23
DQML1
WE1#
CS1#
VSS
VSS
CKE2
CLK2
DQMH2
DQ39
DQ41
DQ37
DQ40
VSS
VSS
VCC
VCCQ
DQSH3
DQSL3
CLK0#
VSS
VSS
NC
RAS3#
DQML3
NC
VSS
VCC
VCCQ
VCCQ
VCC
VSS
VSS
VREF
RAS1#
CAS1#
VCC
VCC
CLK2#
DQSL2#
NC
DQSH2
VCC
VSS
VSS
A9
A0
A2
A12
DQSH0
NC
NC
NC
NC
NC
A8
A1
A3
DNU
DQSL1
NC
NC
NC
NC
NC
A10
A7
A5
DNU
BA0
NC
NC
NC
NC
NC
A11
A6
A4
DNU
BA1
NC
NC
NC
NC
NC
VSS
VSS
VCC
VCCQ
DQSL0
NC
NC
VSS
VCC
VCCQ
VCCQ
VCC
VSS
VSS
DQSH1
NC
NC
VCC
VSS
VSS


Similar Part No. - W3E16M64S-266BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-200BC WEDC-W3E16M72S-200BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BI WEDC-W3E16M72S-200BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BM WEDC-W3E16M72S-200BM Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BC WEDC-W3E16M72S-250BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BI WEDC-W3E16M72S-250BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results

Similar Description - W3E16M64S-266BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Samsung semiconductor
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com