Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G126 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC1G126
Description  Bus buffer/line driver; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G126 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC1G126 Datasheet HTML 1Page - NXP Semiconductors 74HC1G126 Datasheet HTML 2Page - NXP Semiconductors 74HC1G126 Datasheet HTML 3Page - NXP Semiconductors 74HC1G126 Datasheet HTML 4Page - NXP Semiconductors 74HC1G126 Datasheet HTML 5Page - NXP Semiconductors 74HC1G126 Datasheet HTML 6Page - NXP Semiconductors 74HC1G126 Datasheet HTML 7Page - NXP Semiconductors 74HC1G126 Datasheet HTML 8Page - NXP Semiconductors 74HC1G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2002 May 15
4
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74HC1G126; 74HCT1G126
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V);
notes 1 and 2.
Notes
1. Stresses beyond those listed may cause permanent damage to the device. These are stress rating only and
functional operation of the device at these or any other conditions beyond those under ‘recommended operating
conditions’ is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. Above 55
°C the value of P
D derates linearly with 2.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC1G
74HCT1G
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per
device
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
−−
500
−−
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V
−±20
mA
IO
output source or sink current
−0.5V<VO <VCC + 0.5 V
−±35.0 mA
ICC
VCC or GND current
−±70
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range from
−40 to +125 °C;
note 3
200
mW


Similar Part No. - 74HC1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G126 PHILIPS-74HC1G126 Datasheet
78Kb / 16P
   Bus buffer/line driver; 3-state
2002 May 15
74HC1G126 NXP-74HC1G126 Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HC1G126 NEXPERIA-74HC1G126 Datasheet
223Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 5 - 17 January 2022
logo
NXP Semiconductors
74HC1G126GV PHILIPS-74HC1G126GV Datasheet
78Kb / 16P
   Bus buffer/line driver; 3-state
2002 May 15
74HC1G126GV NXP-74HC1G126GV Datasheet
83Kb / 12P
   Bus buffer/line driver; 3-state
Rev. 04-20 July 2007
More results

Similar Description - 74HC1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com