Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M72S-250BM Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3E32M72S-250BM
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-250BM Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3E32M72S-250BM Datasheet HTML 1Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 2Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 3Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-250BM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
W3E32M72S-XBX
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
32Mx72 DDR SDRAM
FEATURES
Data rate = 200, 250, 266, 333Mbs
Package:
• 219 Plastic Ball Grid Array (PBGA), 32 x 25mm
2.5V ±0.2V core power supply
2.5V I/O (SSTL_2 compatible)
Differential clock inputs (CK and CK#)
Commands entered on each positive CK edge
Internal pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
Programmable Burst length: 2,4 or 8
Bidirectional data strobe (DQS) transmitted/
received with data, i.e., source-synchronous data
capture (one per byte)
DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
DLL to align DQ and DQS transitions with CK
Four internal banks for concurrent operation
Data mask (DM) pins for masking write data
(one per byte)
Programmable IOL/IOH option
Auto precharge option
Auto Refresh and Self Refresh Modes
Commercial, Industrial and Military
TemperatureRanges
Organized as 32M x 72
Weight: W3E32M72S-XBX – 3.0 grams typical
* This product is subject to change without notice.
BENEFITS
40% SPACE SAVINGS vs. TSOP
Reduced part count
34% I/O reduction vs TSOP
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Laminate interposer for optimum TCE match
GENERAL DESCRIPTION
The 256MByte (2Gb) DDR SDRAM is a high-speed CMOS,
dynamic random-access, memory using 5 chips containing
536,870,912 bits. Each chip is internally configured as a
quad-bank DRAM.
The 256MB DDR SDRAM uses a double data rate
architecture to achieve high-speed operation. The
double data rate architecture is essentially a 2n-prefetch
architecture with an interface designed to transfer two data
words per clock cycle at the I/O pins. A single read or write
access for the 256MB DDR SDRAM effectively consists
of a single 2n-bit wide, one-clock-cycle data tansfer at the
internal DRAM core and two corresponding n-bit wide,
one-half-clock-cycle data transfers at the I/O pins.
A bi-directional data strobe (DQS) is transmitted
externally, along with data, for use in data capture at the
receiver.strobe transmitted by the DDR SDRAM during
READs and by the memory contoller during WRITEs. DQS
is edge-aligned with data for READs and center-aligned
with data for WRITEs. Each chip has two data strobes, one
for the lower byte and one for the upper byte.
The 256MB DDR SDRAM operates from a differential clock
(CK and CK#); the crossing of CK going HIGH and CK#
going LOW will be referred to as the positive edge of CK.
Commands (address and control signals) are registered
at every positive edge of CK. Input data is registered on
both edges of DQS, and output data is referenced to both
edges of DQS, as well as to both edges of CK.


Similar Part No. - W3E32M72S-250BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-250SBC WEDC-W3E32M72S-250SBC Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-250SBI WEDC-W3E32M72S-250SBI Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-250SBM WEDC-W3E32M72S-250SBM Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-250BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com