Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M64S-266SBC Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3E32M64S-266SBC
Description  32Mx64 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M64S-266SBC Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3E32M64S-266SBC Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 12Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E32M64S-XSBX
July 2006
Rev. 5
NOTES:
1.
CKE is HIGH for all commands shown except SELF REFRESH.
2.
A0-12 define the op-code to be written to the selected Mode Register. BA0, BA1
select either the mode register (0, 0) or the extended mode register (1, 0).
3.
A0-12 provide row address, and BA0, BA1 provide bank address.
4.
A0-9 provide column address; A10 HIGH enables the auto precharge feature (non
persistent), while A10 LOW disables the auto precharge feature; BA0, BA1 provide
bank address.
5.
A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks
precharged and BA0, BA1 are “Don’t Care.”
6.
This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is
LOW.
7.
Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t
Care” except for CKE.
8.
Applies only to read bursts with auto precharge disabled; this command is
undefined (and should not be used) for READ bursts with auto precharge enabled
and for WRITE bursts.
9.
DESELECT and NOP are functionally interchangeable.
10. Used to mask write data; provided coincident with the corresponding data.
Although not a JEDEC requirement, to provide for future
functionality features, CKE must be active (High) during
the AUTO REFRESH period. The AUTO REFRESH period
begins when the AUTO REFRESH command is registered
and ends tRFC later.
SELF REFRESH*
The SELF REFRESH command can be used to retain
data in the DDR SDRAM, even if the rest of the system
is powered down. When in the self refresh mode, the
DDR SDRAM retains data without external clocking. The
SELF REFRESH command is initiated like an AUTO
REFRESH command except CKE is disabled (LOW).
The DLL is automatically disabled upon entering SELF
REFRESH and is automatically enabled upon exiting SELF
REFRESH (200 clock cycles must then occur before a
READ command can be issued). Input signals except CKE
are “Don’t Care” during SELF REFRESH. VREF voltage is
also required for the full duration of SELF REFRESH.
The procedure for exiting self refresh requires a sequence
of commands. First, CK and CK# must be stable prior
to CKE going back HIGH. Once CKE is HIGH, the DDR
SDRAM must have NOP commands issued for tXSNR,
because time is required for the completion of any internal
refresh in progress.
A simple algorithm for meeting both refresh and DLL
requirements is to apply NOPs for tXSNR time, then a DLL
Reset and NOPs for 200 additional clock cycles before
applying any other command.
* Self refresh available in commercial and industrial temperatures only.
TRUTH TABLE – COMMANDS (NOTE 1)
NAME (FUNCTION)
CS#
RAS#
CAS#
WE#
ADDR
DESELECT (NOP) (9)
H
X
X
X
X
NO OPERATION (NOP) (9)
L
H
H
H
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
Bank/Row
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
Bank/Col
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
Bank/Col
BURST TERMINATE (8)
L
H
H
L
X
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
Code
AUTO REFRESH or SELF REFRESH (Enterselfrefreshmode) (6, 7)
L
L
L
H
X
LOAD MODE REGISTER (2)
L
L
L
L
Op-Code
TRUTH TABLE – DM OPERATION
NAME (FUNCTION)
DM
DQs
WRITE ENABLE (10)
L
Valid
WRITE INHIBIT (10)
H
X


Similar Part No. - W3E32M64S-266SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-266BC WEDC-W3E32M64S-266BC Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-266BI WEDC-W3E32M64S-266BI Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-266BM WEDC-W3E32M64S-266BM Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
More results

Similar Description - W3E32M64S-266SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XBX WEDC-W3E32M64S-XBX Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com