Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E64M72S-266ESM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # W3E64M72S-266ESM
Description  64Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E64M72S-266ESM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  W3E64M72S-266ESM Datasheet HTML 1Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 2Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 3Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 4Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 5Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 6Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 7Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 8Page - White Electronic Designs Corporation W3E64M72S-266ESM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W3E64M72S-XBX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2005
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DENSITY COMPARISONS
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed. The address bits registered
coincident with the READ or WRITE command are used
to select the bank and the starting column location for the
burst access.
The DDR SDRAM provides for programmable READ
or WRITE burst lengths of 2, 4, or 8 locations. An auto
precharge function may be enabled to provide a self-
timed row precharge that is initiated at the end of the
burst access.
The pipelined, multibank architecture of DDR SDRAMs allows
for concurrent operation, thereby providing high effective
bandwidth by hiding row precharge and activation time.
An auto refresh mode is provided, along with a power-
saving power-down mode. All inputs are compatible with
the Jedec Standard for SSTL_2. All full drive options
outputs are SSTL_2, Class II compatible.
FUNCTIONAL DESCRIPTION
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank and
row to be accessed (BA0 and BA1 select the bank, A0-12
select the row). The address bits registered coincident
with the READ or WRITE command are used to select the
starting column location for the burst access.
Prior to normal operation, the DDR SDRAM must be
initialized. The following sections provide detailed
information covering device initialization, register definition,
command descriptions and device operation.
Discrete Approach
SAVINGS – Area: 66% – I/O Count: 55%
Area = 800mm2
Area: 9 x 265mm2 = 2,385mm2
I/O Count = 219 Balls
I/O Count: 9 x 54 pins = 486 pins
11.9
11.9
11.9
11.9
11.9
11.9
11.9
11.9
11.9
22.3
54
TSOP
54
TSOP
54
TSOP
54
TSOP
54
TSOP
54
TSOP
54
TSOP
54
TSOP
54
TSOP
ACTUAL SIZE
25
32
White Electronic Designs
W3E64M72S-XBX


Similar Part No. - W3E64M72S-266ESM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M64S-200BC WEDC-W3E16M64S-200BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BI WEDC-W3E16M64S-200BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BM WEDC-W3E16M64S-200BM Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BC WEDC-W3E16M64S-250BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BI WEDC-W3E16M64S-250BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results

Similar Description - W3E64M72S-266ESM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com