Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M72S-250SBI Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3E32M72S-250SBI
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-250SBI Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3E32M72S-250SBI Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 12Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 13Page - White Electronic Designs Corporation W3E32M72S-250SBI Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
W3E32M72S-XSBX
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2006
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
A simple algorithm for meeting both refresh and DLL
requirements is to apply NOPs for tXSNR time, then a DLL
Reset and NOPs for 200 additional clock cycles before
applying any other command.
* Self refresh available in commercial and industrial temperatures only.
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VCC, VCCQ Supply relative to Vss
-1 to 3.6
V
Voltage on I/O pins relative to Vss
-0.5V to VCCQ +0.5V
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +125
°C
Maximum Junction Temperature
125
°C
NOTE: Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any other
conditions greater than those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 13)
Parameter
Symbol
Max
Unit
Input Capacitance: CK/CK#
CI1
7
pF
Addresses, BA0-1 Input Capacitance
CA
24
pF
Input Capacitance: All other input-only pins
CI2
9pF
Input/Output Capacitance: I/Os
CIO
9
pF
BGA THERMAL RESISTANCE
Description
Symbol
Typical
Units
Notes
Junction to Ambient (No Airflow)
Theta JA
20.7
°C/W
1
Junction to Ball
Theta JB
18.1
°C/W
1
Junction to Case (Top)
Theta JC
7.5
°C/W
1
Note: These typical thermal resistances are for each DRAM die, if using the total power of the MCP, divide the
given values by 5.
Refer to "PBGA Thermal Resistance Correlation" (Application Note) at www.wedc.com in the application notes
section for modeling conditions.


Similar Part No. - W3E32M72S-250SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-250BC WEDC-W3E32M72S-250BC Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-250BI WEDC-W3E32M72S-250BI Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-250BM WEDC-W3E32M72S-250BM Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-250SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XBX WEDC-W3E32M72S-XBX Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com