Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG128M72ETSU262D3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG128M72ETSU262D3
Description  1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG128M72ETSU262D3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG128M72ETSU262D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 13Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
W3EG128M72ETSU-D3
-JD3
-AJD3
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
ADVANCED
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS FOR JD3
ORDERING INFORMATION FOR JD3
Part Number
Speed
Height*
Commercial Operating Range
W3EG128M72ETSU403JD3
200MHz/400Mbps, CL=3
30.48 (1.20")
0°C to 70°C
W3EG128M72ETSU335JD3
166MHz/333Mbps, CL=2.5
30.48 (1.20")
0°C to 70°C
W3EG128M72ETSU262JD3
133MHz/266Mbps, CL=2
30.48 (1.20")
0°C to 70°C
W3EG128M72ETSU265JD3
133MHz/266Mbps, CL=2.5
30.48 (1.20")
0°C to 70°C
W3EG128M72ETSU202JD3
100MHz/200Mbps, CL=2
30.48 (1.20")
0°C to 70°C
NOTE:
1
* Consult Factory for availability of lead-free products. (F = Lead-Free, G = RoHS Compliant)
2
* Product specific part numbers are available for source control if needed, please consult factory for the correct part number if a specific component vendor is preferred.
3
* Consult factory for availability for industrial temperature (-40°C to 85°C) options
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.0
(0.394)
6.36
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20 MAX)
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
3.99
(0.157)
(MIN)
1.27
± 0.10
(0.050)
(± 0.004)
2.54
(0.100 MAX)


Similar Part No. - W3EG128M72ETSU262D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG128M72ETSU262D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com