Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG128M72ETSU262D3 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG128M72ETSU262D3
Description  1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG128M72ETSU262D3 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG128M72ETSU262D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG128M72ETSU262D3 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
W3EG128M72ETSU-D3
-JD3
-AJD3
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
ADVANCED
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
DDR400: VCC = VCCQ = +2.6V ± 0.1V
AC CHARACTERISTICS
403
335
262
265
202
PARAMETER
SYMBOL MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS NOTES
Access window of DQs from CK/CK#
tAC
-0.7
+0.7
-0.7
+0.7
-0.75 +0.75 -0.75
0.75
-0.8
0.8
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
25
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
25
Clock cycle time
CL = 3
tCK (3)
5
7.5
6
13
7.5
13
7.5
13
8
13
ns
38, 43
CL = 2.5
tCK (2.5)
6
13
7.5
13
7.5
13
7.5/10
13
10
13
ns
38, 43
CL = 2
tCK (2)
7.5
13
ns
37, 42
DQ and DM input hold time relative to DQS
tDH
0.4
0.45
0.5
0.6
ns
22, 26
DQ and DM input setup time relative to DQS
tDS
0.4
0.45
0.5
0.6
ns
22, 26
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
1.75
2
ns
26
Access window of DQS from CK/CK#
tDQSCK
-0.6
+0.6
-0.60 +0.60 -0.75 +0.75 +0.75
-0.8
+0.8
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group, per
access
tDQSQ
0.40
0.45
0.5
0.5
0.6
ns
22
Write command to first DQS latching transition
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
0.2
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
0.2
0.2
0.2
0.2
0.2
tCK
Half clock period
tHP
tCH,tCL
tCH,tCL
tCH,tCL
tCH,tCL
tCH,tCL
ns
29
Data-out high-impedance window from CK/CK#
tHZ
+0.70
+0.70
+0.75
+0.75
+0.8
ns
16, 36
Data-out low-impedance window from CK/CK#
tLZ
-0.70
-0.70
-0.75
-0.75
-0.8
ns
16, 36
Address and control input hold time (1 V/ns)
tIHF
0.6
0.75
0.90
0.90
1.1
ns
12
ns
12
Address and control input setup time (1 V/ns)
tISF
0.6
0.75
0.90
0.90
1.1
ns
12
Address and control input hold time (0.5 V/ns)
tIHS
0.6
0.80
1
1
1.1
ns
12
Address and control input setup time (0.5 V/ns)
tISS
0.6
0.80
1
1
1.1
ns
12
Address and Control input pulse width (for each input)
tIPW
2.20
2.2
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
2
12151516
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per
access
tQH
tHP
- tQHS
tHP
- tQHS
tHP
- tQHS
tHP
- tQHS
tHP
- tQHS
ns
22
Data hold skew factor
tQHS
0.50
0.60
0.75
0.75
1
ns
ACTIVE to PRECHARGE command
tRAS
40
70,000
42
70,000
40
120,000
40
120,000
40
120,000
ns
30
ACTIVE to READ with Auto precharge command
tRAP
15
15
15
20
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command
period
tRC
55
60
60
65
70
ns
AUTO REFRESH command period
tRFC
70
72
75
72
75
ns
41
ACTIVE to READ or WRITE delay
tRCD
15
15
15
20
20
ns
PRECHARGE command period
tRP
15
15
15
20
20
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
36
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
36
ACTIVE bank a to ACTIVE bank b command
tRRD
10
12
15
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
00000
ns
17, 19


Similar Part No. - W3EG128M72ETSU262D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG128M72ETSU262D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com