Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG128M72ETSU403AJD3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG128M72ETSU403AJD3
Description  1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG128M72ETSU403AJD3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG128M72ETSU403AJD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG128M72ETSU403AJD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
W3EG128M72ETSU-D3
-JD3
-AJD3
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
ADVANCED
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
– 0.5 ~ 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
–1.0 ~ 3.6
V
Storage Temperature
TSTG
– 55 ~ +150
°C
Power Dissipation
PD
9W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC CHARACTERISTICS
0°C ≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V (100, 133 and 166MHz), VCCQ = 2.6V ± 0.1V (200MHz)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
1.15
1.35
V
Termination Voltage
VTT
1.15
1.35
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
– 0.3
VREF – 0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT – 0.76
V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 2.5V ± 0.2V (100, 133 and 166MHz), VCCQ = 2.6V ± 0.1V (200MHz)
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
29
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
29
pF
Input Capacitance (CKE0,CKE1)
CIN3
29
pF
Input Capacitance (CK0,CK0#)
CIN4
5.5
pF
Input Capacitance (CS0#,CS1#)
CIN5
29
pF
Input Capacitance (DQM0-DQM8)
CIN6
8pF
Input Capacitance (BA0-BA1)
CIN7
29
pF
Data input/output Capacitance (DQ0-DQ63)(DQS)
COUT
8pF
Data input/output Capacitance (CB0-CB7)
COUT
8pF


Similar Part No. - W3EG128M72ETSU403AJD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG128M72ETSU403AJD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com