Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG264M72AFSRXXXD3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG264M72AFSRXXXD3
Description  1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG264M72AFSRXXXD3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG264M72AFSRXXXD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG264M72AFSRXXXD3 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
W3EG264M72AFSRxxxD3
November 2004
Rev. 1
ADVANCED
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
LOW-PROFILE D3 184-PIN DDR DIMM DIMENSIONS
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG264M72AFSR335D3xG
166MHz/333Mb/s
2.5
3
3
30.48 (1.20") MAX
W3EG264M72AFSR262D3xG
133MHz/266Mb/s
2
2
2
30.48 (1.20") MAX
W3EG264M72AFSR263D3xG
133MHz/266Mb/s
2
3
3
30.48 (1.20") MAX
W3EG264M72AFSR265D3xG
133MHz/266Mb/s
2.5
3
3
30.48 (1.20") MAX
W3EG264M72AFSR202D3xG
100MHz/200Mb/s
2
2
2
30.48 (1.20") MAX
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
30.48
(1.20)
MAX
PIN 1
17.78
(0.700)
TYP.
2.50
(0.098) D
(2X)
2.30
(0.091)
TYP.
2.30
(0.091)
TYP.
6.35 (0.250) TYP.
120.65 (4.750)
1.27 (0.050)
TYP.
1.02 (0.040)
TYP.
2.00
(0.079) R
(4X)
0.90 (0.035) R
PIN 92
FRONT VIEW
133.50 (5.255)
64.77 (2.55)
49.53 (1.95)
10.00 (0.394)
TYP.
BACK VIEW
PIN 184
PIN 93
1.37 (0.054)
3.81 (0.150)
MAX


Similar Part No. - W3EG264M72AFSRXXXD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72EFSU262D4 WEDC-W3EG264M72EFSU262D4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72EFSU265D4 WEDC-W3EG264M72EFSU265D4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72EFSU335D4 WEDC-W3EG264M72EFSU335D4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72EFSU403D4 WEDC-W3EG264M72EFSU403D4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
More results

Similar Description - W3EG264M72AFSRXXXD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com