Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E232M16S-250STIG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3E232M16S-250STIG
Description  2x32Mx16bit DDR SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E232M16S-250STIG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3E232M16S-250STIG Datasheet HTML 5Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 6Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 7Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 8Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 9Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 10Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 11Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 12Page - White Electronic Designs Corporation W3E232M16S-250STIG Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
W3E232M16S-XSTX
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
December 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY*
FIGURE 5 – EXTENDED MODE REGISTER
DEFINITION
DLL
Enable
Disable
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Extended Mode
Register (Ex)
Address Bus
Operating Mode
A10
A11
11
01
BA0
BA1
E0
0
1
Drive Strength
Normal
Reduced
E1
0
1
Operating Mode
Reserved
Reserved
E1, E0
Valid
-
E12
0
-
E10
0
-
E9
0
-
E8
0
-
E7
0
-
E6
0
-
E5
0
-
E4
0
-
E3
0
-
A12
E11
0
-
1. E14 and E13 must be "0, 1" to select the Extended Mode Register (vs. the base Mode Register)
2. The QFC# function is not supported.
E2
0
-
14 13 12 11 10
9
8
76543210
DLL
DS
BURST TERMINATE
The BURST TERMINATE command is used to truncate
READ bursts (with auto precharge disabled). The most
recently registered READ command prior to the BURST
TERMINATE command will be truncated. The open page
which the READ burst was terminated from remains
open.
AUTO REFRESH
AUTO REFRESH is used during normal operation of the
DDR SDRAM and is analogous to CAS-BEFORE-RAS
(CBR) REFRESH in conventional DRAMs. This command
is nonpersistent, so it must be issued each time a refresh
is required. All banks must be idle before an AUTO
REFRESH command is issued.
The addressing is generated by the internal refresh
controller. This makes the address bits “Don’t Care”
TRUTH TABLE – COMMANDS (NOTE 1)
NAME (FUNCTION)
CS#
RAS#
CAS#
WE#
ADDR
DESELECT (NOP) (9)
H
X
X
X
X
NO OPERATION (NOP) (9)
L
H
H
H
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
Bank/Row
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
Bank/Col
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
Bank/Col
BURST TERMINATE (8)
L
H
H
L
X
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
Code
AUTO REFRESH or SELF REFRESH (Enter self refresh mode) (6, 7)
L
L
L
H
X
LOAD MODE REGISTER (2)
L
L
L
L
Op-Code
NOTES:
1.
CKE is HIGH for all commands shown except SELF REFRESH.
2.
A0-12 define the op-code to be written to the selected Mode Register. BA0, BA1
select either the mode register (0, 0) or the extended mode register (1, 0).
3.
A0-12 provide row address, and BA0, BA1 provide bank address.
4.
A0-9 provide column address; A10 HIGH enables the auto precharge feature (non
persistent), while A10 LOW disables the auto precharge feature; BA0, BA1 provide
bank address.
5.
A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks
precharged and BA0, BA1 are “Don’t Care.”
6.
This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is
LOW.
7.
Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t
Care” except for CKE.
8.
Applies only to read bursts with auto precharge disabled; this command is
undefined (and should not be used) for READ bursts with auto precharge enabled
and for WRITE bursts.
9.
DESELECT and NOP are functionally interchangeable.
10. Used to mask write data; provided coincident with the corresponding data.


Similar Part No. - W3E232M16S-250STIG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M64S-200BC WEDC-W3E16M64S-200BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BI WEDC-W3E16M64S-200BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BM WEDC-W3E16M64S-200BM Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BC WEDC-W3E16M64S-250BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BI WEDC-W3E16M64S-250BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results

Similar Description - W3E232M16S-250STIG

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com