Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M72S-333SBC Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3E32M72S-333SBC
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-333SBC Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3E32M72S-333SBC Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M72S-333SBC Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
W3E32M72S-XSBX
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2006
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
COMMAND
READ
NOP
NOP
NOP
CL = 2.5
DON'T CARE
TRANSITIONING DATA
DQ
DQS
T0
T1
T2
T2n
T3
T3n
COMMAND
READ
NOP
NOP
NOP
CL = 2
DQ
DQS
CLK
CLK
T0
T1
T2
T2n
T3
T3n
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
DATA
CLK
CLK
FIG. 4 CAS LATENCY
FIG. 5 EXTENDED MODE REGISTER
DEFINITION
DLL
Enable
Disable
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Extended Mode
Register (Ex)
Address Bus
Operating Mode
A10
A11
11
01
BA0
BA1
E0
0
1
Drive Strength
Normal
Reduced
E1
0
1
Operating Mode
Reserved
Reserved
E1, E0
Valid
-
E12
0
-
E10
0
-
E9
0
-
E8
0
-
E7
0
-
E6
0
-
E5
0
-
E4
0
-
E3
0
-
A12
E11
0
-
1. E14 and E13 must be "0, 1" to select the Extended Mode Register (vs. the base Mode Register)
2. The QFC# function is not supported.
E2
0
-
14 13 12 11 10
9
8
76543210
DLL
DS
must be activated prior to any READ or WRITE commands
being issued to that bank. A PRECHARGE command will
be treated as a NOP if there is no open row in that bank
(idle state), or if the previously open row is already in the
process of precharging.
AUTO PRECHARGE
AUTO PRECHARGE is a feature which performs the
same individual-bank PRECHARGE function described
above, but without requiring an explicit command. This is
accomplished by using A10 to enable AUTO PRECHARGE
in conjunction with a specific READ or WRITE command.
A precharge of the bank/row that is addressed with the
READ or WRITE command is automatically performed
upon completion of the READ or WRITE burst. AUTO
PRECHARGE is nonpersistent in that it is either enabled
or disabled for each individual READ or WRITE command.
The device supports concurrent auto precharge if the
command to the other bank does not interrupt the data
transfer to the current bank.
AUTO PRECHARGE ensures that the precharge is
initiated at the earliest valid stage within a burst. This
“earliest valid stage” is determined as if an explicit
precharge command was issued at the earliest possible
time, without violating tRAS (MIN).The user must not issue
another command to the same bank until the precharge
time (tRP) is completed.
BURST TERMINATE
The BURST TERMINATE command is used to truncate
READ bursts (with auto precharge disabled). The most
recently registered READ command prior to the BURST
TERMINATE command will be truncated. The open page
which the READ burst was terminated from remains
open.
AUTO REFRESH
AUTO REFRESH is used during normal operation of the
DDR SDRAM and is analogous to CAS-BEFORE-RAS
(CBR) REFRESH in conventional DRAMs. This command
is nonpersistent, so it must be issued each time a refresh
is required. All banks must be idle before an AUTO
REFRESH command is issued.
The addressing is generated by the internal refresh
controller. This makes the address bits “Don’t Care”


Similar Part No. - W3E32M72S-333SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-333BC WEDC-W3E32M72S-333BC Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-333BI WEDC-W3E32M72S-333BI Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-333BM WEDC-W3E32M72S-333BM Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-333SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XBX WEDC-W3E32M72S-XBX Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com