Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG2128M64ETSR335JD3XG Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG2128M64ETSR335JD3XG
Description  2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2128M64ETSR335JD3XG Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG2128M64ETSR335JD3XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 11Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 12Page - White Electronic Designs Corporation W3EG2128M64ETSR335JD3XG Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
April 2005
Rev. 0
W3EG2128M64ETSR-JD3
ADVANCED
PART NUMBERING GUIDE
W 3 E G 2128M 64 E T S R xxx JD3 x G
WEDC
MEMORY
DDR
GOLD
DEPTH (Dual Rank)
BUS WIDTH
x8
TSOP
2.5V
REGISTERED
SPEED (MHz)
PACKAGE
COMPONENT VENDOR
NAME
(M = MICRON)
(S = SAMSUNG)
RoHS COMPLIANT


Similar Part No. - W3EG2128M64ETSR335JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M72AFSR-AD3 WEDC-W3EG2128M72AFSR-AD3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR262AD3XG WEDC-W3EG2128M72AFSR262AD3XG Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR263AD3XG WEDC-W3EG2128M72AFSR263AD3XG Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG2128M72AFSR265AD3XG WEDC-W3EG2128M72AFSR265AD3XG Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
More results

Similar Description - W3EG2128M64ETSR335JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Elpida Memory
EBD21RD4ABNA ELPIDA-EBD21RD4ABNA Datasheet
177Kb / 19P
   2GB Registered DDR SDRAM DIMM
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com