Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG128M72ETSU202JD3 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG128M72ETSU202JD3
Description  1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG128M72ETSU202JD3 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG128M72ETSU202JD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG128M72ETSU202JD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
W3EG128M72ETSU-D3
-JD3
-AJD3
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
ADVANCED
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ 70°C, VCC = VCCQ = 2.5V ± 0.2V (100, 133, 166MHz), VCC = VCCQ = +2.6V ± 0.1V (200MHz)
Parameter
Symbol
Conditions
DDR400@
CL=3
DDR333@
CL=2.5
DDR266@
CL=2, 2.5
DDR200@
CL=2
Units
Max
Max
Max
Max
Operating Current
IDD0
One device bank; Active - Precharge;
(MIN); DQ,DM and DQS inputs
changing once per clock cycle;
Address and control inputs changing
once every two cycles. TRC=TRC(MIN);
TCK=TCK
TBD
TBD
TBD
TBD
mA
Operating Current
IDD1
One device bank; Active-
Read-Precharge; Burst = 2;
TRC=TRC(MIN);TCK=TCK (MIN); Iout
= 0mA; Address and control inputs
changing once per clock cycle.
TBD
TBD
TBD
TBD
mA
Precharge Power-
Down Standby
Current
IDD2P
All device banks idle; Power-down
mode; TCK=TCK(MIN); CKE=(low)
TBD
TBD
TBD
TBD
mA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
TCK=TCK(MIN); CKE = high; Address
and other control inputs changing once
per clock cycle. VIN = VREF for DQ,
DQS and DM.
TBD
TBD
TBD
TBD
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-down
mode; TCK(MIN); CKE=(low)
TBD
TBD
TBD
TBD
mA
Active Standby
Current
IDD3N
CS# = High; CKE = High; One
device bank; Active-Precharge;
TRC=TRAS(MAX); TCK=TCK(MIN); DQ,
DM and DQS inputs changing twice
per clock cycle; Address and other
control inputs changing once per clock
cycle.
TBD
TBD
TBD
TBD
mA
Operating Current
IDD4R
Burst = 2; Reads; Continous burst;
One device bank active;Address
andcontrol inputs changing once
per clock cycle; TCK=TCK(MIN); IOUT
= 0mA.
TBD
TBD
TBD
TBD
mA
Operating Current
IDD4W
Burst = 2; Writes; Continous burst;
One device bank active; Address and
control inputs changing once per clock
cycle; TCK=TCK(MIN); DQ,DM and
DQS inputs changing twice per clock
cycle.
TBD
TBD
TBD
TBD
mA
Auto Refresh Current
IDD5
TRC=TRC(MIN)
TBD
TBD
TBD
TBD
mA
Self Refresh Current
IDD6
CKE ≤ 0.2V
TBD
TBD
TBD
TBD
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4)
with auto precharge with TRC=TRC
(MIN); TCK=TCK(MIN); Address and
control inputs change only during
Active Read or Write commands
TBD
TBD
TBD
TBD
mA


Similar Part No. - W3EG128M72ETSU202JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG128M72ETSU202JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
WV3EG265M64EFSU-D4 WEDC-WV3EG265M64EFSU-D4 Datasheet
149Kb / 10P
   1GB- 2x64Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com