Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E64M72S-250ESC Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3E64M72S-250ESC
Description  64Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E64M72S-250ESC Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3E64M72S-250ESC Datasheet HTML 5Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 6Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 7Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 8Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 9Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 10Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 11Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 12Page - White Electronic Designs Corporation W3E64M72S-250ESC Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
W3E64M72S-XBX
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2005
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
COMMAND
READ
NOP
NOP
NOP
CL = 2.5
DON'T CARE
TRANSITIONING DATA
DQ
DQS
T0
T1
T2
T2n
T3
T3n
COMMAND
READ
NOP
NOP
NOP
CL = 2
DQ
DQS
CLK
CLK#
T0
T1
T2
T2n
T3
T3n
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
DATA
CLK
CLK#
FIGURE 4 – CAS LATENCY
FIGURE 5 – EXTENDED MODE REGISTER
DEFINITION
DLL
Enable
Disable
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Extended Mode
Register (Ex)
Address Bus
A10
A11
11
01
BA0
BA1
E0
0
1
Drive Strength
Normal
Reserved
E1
0
1
Operating Mode
Reserved
Reserved
E1, E0
Valid
-
E12
0
-
E10
0
-
E9
0
-
E8
0
-
E7
0
-
E6
0
-
E5
0
-
E4
0
-
E3
0
-
A12
E11
0
-
1. E14 and E13 must be "0, 1" to select the Extended Mode Register (vs. the base Mode Register)
2. The QFC# function is not supported.
E2
0
-
14 13 12 11 10
9
8
76543210
DLL
DS
Operating Mode
during an AUTO REFRESH command. Each DDR SDRAM
requires AUTO REFRESH cycles at an average interval
of 7.8125µs (maximum).
To allow for improved efficiency in scheduling and
switching between tasks, some flexibility in the absolute
refresh interval is provided. A maximum of eight AUTO
REFRESH commands can be posted to any given DDR
SDRAM, meaning that the maximum absolute interval
between any AUTO REFRESH command and the next
AUTO REFRESH command is 9 x 7.8125µs (70.3µs). This
maximum absolute interval is to allow future support for
DLL updates internal to the DDR SDRAM to be restricted
to AUTO REFRESH cycles, without allowing excessive
drift in tAC between updates.
Although not a JEDEC requirement, to provide for future
functionality features, CKE must be active (High) during
the AUTO REFRESH period. The AUTO REFRESH period
begins when the AUTO REFRESH command is registered
and ends tRFC later.
SELF REFRESH*
The SELF REFRESH command can be used to retain
data in the DDR SDRAM, even if the rest of the system is
powered down. When in the self refresh mode, the DDR
SDRAM retains data without external clocking. The SELF
REFRESH command is initiated like an AUTO REFRESH
command except CKE is disabled (LOW). The DLL is
automatically disabled upon entering SELF REFRESH and
is automatically enabled upon exiting SELF REFRESH (A
DLL reset and 200 clock cycles must then occur before a
READ command can be issued). Input signals except CKE
are “Don’t Care” during SELF REFRESH. VREF voltage is
also required for the full duration of SELF REFRESH.
The procedure for exiting self refresh requires a sequence
of commands. First, CK and CK# must be stable prior
to CKE going back HIGH. Once CKE is HIGH, the DDR
SDRAM must have NOP commands issued for tXSNR,
because time is required for the completion of any internal
refresh in progress.
A simple algorithm for meeting both refresh and DLL
requirements is to apply NOPs for tXSNR time, then a DLL
Reset and NOPs for 200 additional clock cycles before
applying any other command.
* Self refresh available in commercial and industrial temperatures only.


Similar Part No. - W3E64M72S-250ESC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M64S-200BC WEDC-W3E16M64S-200BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BI WEDC-W3E16M64S-200BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BM WEDC-W3E16M64S-200BM Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BC WEDC-W3E16M64S-250BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BI WEDC-W3E16M64S-250BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results

Similar Description - W3E64M72S-250ESC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com