Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6432S335D4 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG6432S335D4
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6432S335D4 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG6432S335D4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6432S335D4 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6432S-D4
December 2004
Rev. 6
PRELIMINARY
PACKAGE DIMENSIONS FOR D4
* ALL DIMENSIONS ARE IN MILIMETERS AND (INCHES)
67.56
(2.666) MAX
1.0 ± 0.1
(0.039 ± 0.004)
3.81
(0.150) MAX.
2.31
(0.091) REF.
4.19
(0.165)
1.80
(0.071)
3.98
(0.157) MIN.
47.40
(1.866)
11.40
(0.449)
31.75
(1.25)
3.98 ± 0.1
(0.157 ± 0.004)
20
(0.787)
ORDERING INFORMATION FOR D4
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
COMMERCIAL
W3EG6432S335D4
166MHz/333Mb/s
2.5
3
3
31.75 (1.25")
W3EG6432S262D4
133MHz/266Mb/s
2
2
2
31.75 (1.25")
W3EG6432S263D4
133MHz/266Mb/s
2
3
3
31.75 (1.25")
W3EG6432S265D4
133MHz/266Mb/s
2.5
3
3
31.75 (1.25")
W3EG6432S202D4
100MHz/200Mb/s
2
2
2
31.75 (1.25")
INDUSTRIAL
W3EG6432S335D4I
166MHz/333Mb/s
2.5
3
3
31.75 (1.25")
W3EG6432S262D4I
133MHz/266Mb/s
2
2
2
31.75 (1.25")
W3EG6432S263D4I
133MHz/266Mb/s
2
3
3
31.75 (1.25")
W3EG6432S265D4I
133MHz/266Mb/s
2.5
3
3
31.75 (1.25")
W3EG6432S202D4I
100MHz/200Mb/s
2
2
2
31.75 (1.25")
NOTE:
• Consult Factory for availability of lead-free products. (F = Lead-Free, G = RoHS Compliant)
• Product specific part numbers are available for source control if needed, please consult factory for the correct part number if a specific component vendor is preferred.
• Industrial temperature (-40°C to 85°C) options


Similar Part No. - W3EG6432S335D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S335D3 WEDC-W3EG6432S335D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6432S335D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com