Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6433S202BD4 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG6433S202BD4
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6433S202BD4 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG6433S202BD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6433S202BD4 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6433S-AD4
-BD4
May 2005
Rev. 1
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC
OPERATING CONDITIONS (Continued)
AC CHARACTERISTICS
335
262
265/202
UNITS
NOTES
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
DQ-DQS hold, DQS to first DQ to go non-valid, per access
tQH
tHP - tQHS
tHP - tQHS
tHP - tQHS
ns
22, 23
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
42
70,000
40
120,000
40
120,000
ns
31, 48
ACTIVE to READ with Auto precharge command
tRAP
15
15
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
60
60
65
ns
AUTO REFRESH command period
tRFC
72
75
75
ns
43
ACTIVE to READ or WRITE delay
tRCD
15
15
20
ns
PRECHARGE command period
tRP
15
15
20
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
38
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
38
ACTIVE bank a to ACTIVE bank b command
tRRD
12
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
0
0
0
ns
18, 19
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
17
Write recovery time
tWR
15
15
15
ns
Internal WRITE to READ command delay
tWTR
111
tCK
Data valid output window
NA
tQH -tDQSQ
tQH -tDQSQ
tQH -tDQSQ
ns
22
REFRESH to REFRESH command interval
tREFC
70.3
70.3
70.3
µs
21
Average periodic refresh interval
tREFI
7.8
7.8
7.8
µs
21
Terminating voltage delay to VDD
tVTD
000
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
tCK


Similar Part No. - W3EG6433S202BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6433S262D3 WEDC-W3EG6433S262D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S263D3 WEDC-W3EG6433S263D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S263JD3 WEDC-W3EG6433S263JD3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S265D3 WEDC-W3EG6433S265D3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
W3EG6433S265JD3 WEDC-W3EG6433S265JD3 Datasheet
234Kb / 12P
   256MB - 2x16Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6433S202BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com