Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6418S-JD3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG6418S-JD3
Description  128MB - 16Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6418S-JD3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG6418S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6418S-JD3 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6418S-D3
-JD3
May 2005
Rev. 3
PRELIMINARY
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20)
MAX
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
2.54
(0.100 MAX)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR D3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
Temperature
W3EG6432S262D3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
0°C to 70°C
W3EG6432S263D3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
0°C to 70°C
W3EG6432S265D3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
0°C to 70°C
W3EG6432S202D3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
0°C to 70°C
NOTE:
• Consult Factory for availability of Lead-Free or RoHS products. (F = Lead-Free, G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3EG6418S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64128S-AD4 WEDC-W3EG64128S-AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG64128S-BD4 WEDC-W3EG64128S-BD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG64128S-D3 WEDC-W3EG64128S-D3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S-JD3 WEDC-W3EG64128S-JD3 Datasheet
233Kb / 12P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
W3EG64128S202AD4 WEDC-W3EG64128S202AD4 Datasheet
137Kb / 9P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG6418S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com