Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6432S335D4I Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3EG6432S335D4I
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6432S335D4I Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3EG6432S335D4I Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6432S335D4I Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6432S-D4
December 2004
Rev. 6
PRELIMINARY
33. The voltage levels used are derived from a mini-mum VCC level and the referenced
test load. In practice, the voltage levels obtained from a properly terminated bus will
provide significantly different voltage values.
34. VIH overshoot: VIH (MAX) = VCCQ + 1.5V for a pulse width ≤ 3ns and the pulse width
can not be greater than 1/3 of the cycle rate. VIL undershoot: VIL (MIN) = -1.5V for a
pulse width ≤ 3ns and the pulse width can not be greater than 1/3 of the cycle rate.
35. VCC and VCCQ must track each other.
36. tHZ (MAX) will prevail over tDQSCK (MAX) + tRPST (MAX) condition. tLZ (MIN) will
prevail over tDQSCK (MIN) + tRPRE (MAX) condition.
37. tRPST end point and tRPRE begin point are not referenced to a specific voltage level
but specify when the device output is no longer driving (tRPST), or begins driving
(tRPRE).
38. During initialization, VTT, and VREF must be equal to or less than VCC + 0.3V.
Alternatively, VTT may be 1.35V maximum during power up, even if VCC are 0V,
provided a minimum of 42 Ω of series resistance is used between the VTT supply
and the input pin.
39. The current part operates below the slowest JEDEC operating frequency of 83
MHz. As such, future die may not reflect this option.
40. Random addressing changing and 50 percent of data changing at every transfer.
41. Random addressing changing and 100 percent of data changing at every transfer.
42. CKE must be active (high) during the entire time a refresh command is executed.
That is, from the time the AUTO REFRESH command is registered, CKE must be
active at each rising clock edge, until tREF later.
43. IDD2N specifies the DQ, DQS, and DM to be driven to a valid high or low logic level.
IDD2Q is similar to IDD2F except IDD2Q specifies the address and control inputs to
remain stable. Although IDD2F, IDD2N, and IDD2Q are similar, IDD2F is “worst case.”
44. Whenever the operating frequency is altered, not including jitter, the DLL is required
to be reset. This is followed by 200 clock cycles (before READ commands).
45. Leakage number reflects the worst case leakage possible through the module pin,
not what each memory device contributes.
46. When an input signal is HIGH or LOW, it is defined as a steady state logic high or
logic low.
47. The 335 speed grade will operate with tRAS (MIN) = 40ns and tRAS (MAX) =
120,000ns at any slower frequency.


Similar Part No. - W3EG6432S335D4I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S335D3 WEDC-W3EG6432S335D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6432S335D4I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com