Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6432S262D4I Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG6432S262D4I
Description  256MB - 32Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6432S262D4I Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG6432S262D4I Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6432S262D4I Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6432S-D4
December 2004
Rev. 6
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 to 3.6
V
Storage Temperature
TSTG
-55 to +150
°C
Power Dissipation
PD
8W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 2.5 ± 0.2V, VREF =1.4V ± 200mV
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
VCCQ/2 - 50mV
VCCQ/2 + 50mV
V
Termination Voltage
VTT
VREF - 0.04
VREF + 0.04
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
-0.3
VREF - 0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT - 0.76
V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
29
pF
Input Capacitance (RAS#, CAS#, WE#)
CIN2
29
pF
Input Capacitance (CKE0)
CIN3
29
pF
Input Capacitance (CK0,CK0#)
CIN4
29
pF
Input Capacitance (CS0#)
CIN5
29
pF
Input Capacitance (DQM0-DQM7)
CIN6
8pF
Input Capacitance (BA0-BA1)
CIN7
29
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
8pF


Similar Part No. - W3EG6432S262D4I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S262D3 WEDC-W3EG6432S262D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6432S262D3 WEDC-W3EG6432S262D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6432S262D4I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com