Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6464S263D3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG6464S263D3
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6464S263D3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG6464S263D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
White Electronic Designs
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
May 2005
Rev. 3
W3EG6464S-JD3-D3
PRELIMINARY
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 to 3.6
V
Storage Temperature
TSTG
-55 to +150
°C
Power Dissipation
PD
8W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if ‘ABSOLUTE MAXIMUM RATINGS’ are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability
ABSOLUTE MAXIMUM RATINGS
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
1.15
1.35
V
Termination Voltage
VTT
1.15
1.35
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
-0.3
VREF -0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT-0.76
V
CAPACITANCE
TA = 25°C. f = 1MHz, VCC = 2.5V ± 0.2V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
29
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
29
pF
Input Capacitance (CKE0)
CIN3
29
pF
Input Capacitance (CK0#,CK0)
CIN4
26
pF
Input Capacitance (CS0#)
CIN5
29
pF
Input Capacitance (DQM0-DQM8)
CIN6
8pF
Input Capacitance (BA0-BA1)
CIN7
29
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
8pF
Data input/output capacitance (CB0-CB7)
COUT
8pF


Similar Part No. - W3EG6464S263D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S262AD4 WEDC-W3EG6464S262AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S262BD4 WEDC-W3EG6464S262BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S265AD4 WEDC-W3EG6464S265AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S265BD4 WEDC-W3EG6464S265BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG6464S263D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com