Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6464S265D3 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG6464S265D3
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6464S265D3 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG6464S265D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6464S265D3 Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
White Electronic Designs
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
May 2005
Rev. 3
W3EG6464S-JD3-D3
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS
0°C ≤ TA ≤ +70°C; VCC = +2.5V ±0.2V, VCCQ = +2.5V ±0.2V
AC Characteristics
262/263/265
202
Parameter
Symbol
Min
Max
Min
Max
Units
Notes
Access window of DQs from CK, CK#
tAC
-0.75
+0.75
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
16
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
16
Clock cycle time
CL=2.5
tCK (2.5)
7.5
13
7.5
13
ns
22
CL=2
tCK (2)
7.5
13
10
13
ns
22
DQ and DM input hold time relative to DQS
tDH
0.5
0.5
ns
14,17
DQ and DM input setup time relative to DQS
tDS
0.5
0.5
ns
14,17
DQ and DM input pulse width (for each input)
tDIPW
1.75
1.75
ns
17
Access window of DQS from CK, CK#
tDQSCK
-0.75
+0.75
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
tCK
DQS-DQ skew, DQS to last DQ valid, per group,
per access
tDQSQ
0.5
0.5
ns
13,14
Write command to first DQS latching transition
tDQSS
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising - setup time
tDSS
0.2
0.2
tCK
DQS falling edge from CK rising - hold time
tDSH
0.2
0.2
tCK
Half clock period
tHP
tCH, tCL
tCH, tCL
ns
18
Data-out high-impedance window from CK, CK#
tHZ
+0.75
+0.75
ns
8,19
Data-out low-impedance window from CK, CK#
tLZ
-0.75
-0.75
ns
8,20
Address and control input hold time (fast slew rate)
tIHf
0.90
0.90
ns
6
Address and control input set-up time (fast slew rate)
tISf
0.90
0.90
ns
6
Address and control input hold time (slow slew rate)
tIHs
11
ns
6
Address and control input setup time (slow slew rate)
tISs
11
ns
6
Address and control input pulse width (for each input)
tIPW
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
15
15
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per access
tQH
tHP-tQHS
tHP-tQHS
ns
13,14
Data hold skew factor
tQHS
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
40
120,000
45
120,000
ns
15
ACTIVE to READ with Auto precharge command
tRAP
15
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
60
65
ns
AUTO REFRESH command period
tRFC
75
75
ns
21


Similar Part No. - W3EG6464S265D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S265AD4 WEDC-W3EG6464S265AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S265BD4 WEDC-W3EG6464S265BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG6464S265D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com