Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G08GV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT1G08GV
Description  2-input AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G08GV Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT1G08GV Datasheet HTML 1Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 2Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 3Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 4Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 5Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 6Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 7Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 8Page - NXP Semiconductors 74HCT1G08GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 May 17
2
Philips Semiconductors
Product specification
2-input AND gate
74HC1G08; 74HCT1G08
FEATURES
• Wide supply voltage range from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 5 pins package
• Output capability: standard.
DESCRIPTION
The 74HC1G/HCT1G08 is a high-speed Si-gate CMOS
device.
The 74HC1G/HCT1G08 provides the 2-input AND
function. The standard output currents are 1
2 compared to
the 74HC/HCT08.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
∑ (CL × VCC2 × fo) = sum of outputs.
2. For HC1G the condition is VI = GND to VCC.
For HCT1G the condition is VI = GND to VCC − 1.5 V.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC1G
HCT1G
tPHL/tPLH
propagation delay A and B to Y
CL = 15 pF; VCC = 5 V
7
11
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
notes 1 and 2
19
21
pF
INPUTS
OUTPUT
AB
Y
LLL
LHL
HL
L
HHH


Similar Part No. - 74HCT1G08GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G08GV NXP-74HCT1G08GV Datasheet
76Kb / 11P
   2-input AND gate
Rev. 04-17 July 2007
74HCT1G08GV NXP-74HCT1G08GV Datasheet
69Kb / 12P
   2-input AND gate
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
74HCT1G08GV NEXPERIA-74HCT1G08GV Datasheet
208Kb / 11P
   2-input AND gate
Rev. 6 - 17 January 2022
74HCT1G08GV-Q100 NEXPERIA-74HCT1G08GV-Q100 Datasheet
727Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74HCT1G08GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com