Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6462S403JD3 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG6462S403JD3
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6462S403JD3 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG6462S403JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6462S403JD3 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
White Electronic Designs
W3EG6462S-D3
-JD3
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
May 2005
Rev. 4
ADVANCED
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS (continued)
AC CHARACTERISTICS
403
335
262
263/265
202
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX UNITS NOTES
Address and control input setup time (slow slew rate)
tISS
0.6
0.80
1
1
1
ns
12
Address and Control input pulse width (for each
input)
tIPW
2.2
2.2
2.2
2.2
2.2
ns
LOAD MODE REGISTER command cycle time
tMRD
2
12151515
ns
DQ-DQS hold, DQS to first DQ to go non-valid, per
access
tQH
tHP
-
tQHS
tHP
-
tQHS
tHP
-
tQHS
tHP
-
tQHS
tHP
-
tQHS
ns
22, 23
Data hold skew factor
tQHS
0.50
0.55
0.75
0.75
0.75
ns
ACTIVE to PRECHARGE command
tRAS
40
70,000
42
70,000
40
120,000
40
120,000
40
120,000
ns
31, 48
ACTIVE to READ with Auto precharge command
tRAP
15
15
15
20
20
ns
ACTIVE to ACTIVE/AUTO REFRESH command
period
tRC
55
60
60
65
65
ns
AUTO REFRESH command period
tRFC
70
75
75
75
75
ns
43
ACTIVE to READ or WRITE delay
tRCD
15
15
15
20
20
ns
PRECHARGE command period
tRP
15
15
15
20
20
ns
DQS read preamble
tRPRE
0.9
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
37
DQS read postamble
tRPST
0.4
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
37
ACTIVE bank a to ACTIVE bank b command
tRRD
10
12
15
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
00000
ns
18, 19
DQS write postamble
tWPST
0.4
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
17
Write recovery time
tWR
15
15
15
15
15
ns
Internal WRITE to READ command delay
tWTR
21111
tCK
Data valid output window
na
tQH - tDQSQ
tQH - tDQSQ
tQH - tDQSQ
tQH - tDQSQ
tQH - tDQSQ
ns
22
REFRESH to REFRESH command
tREFC
70.3
70.3
70.3
70.3
70.3
µs
21
Average periodic refresh interval
tREFI
7.8
7.8
7.8
7.8
7.8
µs
21
Terminating voltage delay to VCC
tVTD
00000
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
75
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
200
200
tCK


Similar Part No. - W3EG6462S403JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S-BD4 WEDC-W3EG6464S-BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S-D3 WEDC-W3EG6464S-D3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S202AD4 WEDC-W3EG6464S202AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG6462S403JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com