Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6464S202AD4 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG6464S202AD4
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6464S202AD4 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

  W3EG6464S202AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6464S202AD4 Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
W3EG6464S-AD4
-BD4
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2004
Rev. 1
PRELIMINARY
PACKAGE DIMENSIONS FOR BD4
ORDERING INFORMATION FOR BD4
Part Number
Speed
Height*
W3EG6464S335BD4
166MHz/333Mbps, CL=2.5
31.75 (1.25)*
W3EG6464S262BD4
133MHz/266Mbps, CL=2
31.75 (1.25)
W3EG6464S265BD4
133MHz/266Mbps, CL=2.5
31.75 (1.25)
W3EG6464S202BD4
100MHz/200Mbps, CL=2
31.75 (1.25)
* ALL DIMENSIONS ARE IN MILIMETERS AND (INCHES)
U7
U5
67.56
(2.666) MAX
U1
U3
U9
R19
R17
R9
R2
R12
C3
C3
RP1
RP5
RP9
RP14
RP18
RP13
RP19
RP4
RP7
RP20
RP22
RP12
C5
C2
C6
C18
C7
C8 C26
R18
R5
R20
R10
R13
C27
R11
C28
R21
C29
R3
1.0 ± 0.1
(0.039 ± 0.004)
3.81
(0.150) MAX.
2.31
(0.091) REF.
4.19
(0.165)
1.80
(0.071)
3.98
(0.157) MIN.
47.40
(1.866)
11.40
(0.449)
31.75
(1.25)
3.98 ± 0.1
(0.157 ± 0.004)
20
(0.787)
* For DDR333 consult factory


Similar Part No. - W3EG6464S202AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S202D3 WEDC-W3EG6464S202D3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S202JD3 WEDC-W3EG6464S202JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6464S202AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6464V-D1 WEDC-W3DG6464V-D1 Datasheet
72Kb / 5P
   512MB- 64Mx64 SDRAM, UNBUFFERED W/PLL
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com