Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6466S335AD4 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG6466S335AD4
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6466S335AD4 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG6466S335AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6466S335AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6466S-AD4
-BD4
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 to 3.6
V
Storage Temperature
TSTG
-55 to +150
°C
Power Dissipation
PD
16
W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 3.3V, VREF =1.4V ± 200mV
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
VCCQ/2 - 50mV
VCCQ/2 + 50mV
V
Termination Voltage
VTT
VREF - 0.04
VREF + 0.04
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
-0.3
VREF - 0.15
V
Output High Voltage
VOH
VTT + 0.76
V
Output Low Voltage
VOL
—VTT - 0.76
V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
50
pF
Input Capacitance (RAS#, CAS#, WE#)
CIN2
50
pF
Input Capacitance (CKE0, CKE1)
CIN3
26
pF
Input Capacitance (CK0,CK0#)
CIN4
5.5
pF
Input Capacitance (CS0#, CS1#)
CIN5
26
pF
Input Capacitance (DQM0-DQM8)
CIN6
13
pF
Input Capacitance (BA0-BA1)
CIN7
50
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
13
pF


Similar Part No. - W3EG6466S335AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-JD3 WEDC-W3EG6462S-JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202D3 WEDC-W3EG6462S202D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202JD3 WEDC-W3EG6462S202JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S262D3 WEDC-W3EG6462S262D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6466S335AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com