Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6466S265AD4 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG6466S265AD4
Description  512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6466S265AD4 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG6466S265AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6466S265AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG6466S-AD4
-BD4
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY*
512MB – 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
DESCRIPTION
The W3EG6466S is a 2x32Mx64 Double Data Rate
SDRAM memory module based on 512Mb DDR SDRAM
components. The module consists of sixteen 32Mx8
components as eight 64Mx8 stacked DDR SDRAMs
in 66 pin TSOP packages mounted on a 200 pin FR4
substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
FEATURES
DDR200, DDR266 and DDR333
• JEDEC design specifications
Double-data-rate architecture
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2,2.5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh
Serial presence detect
Dual Rank
Power supply: 2.5V ± 0.20V
JEDEC standard 200 pin SO-DIMM package
• Package height options:
AD4: 35.5mm (1.38")
BD4: 31.75mm (1.25")
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
OPERATING FREQUENCIES
DDR333 @CL=2.5
DDR266 @CL=2
DDR266 @CL=2.5
DDR200 @CL=2
Clock Speed
166MHz
133MHz
133MHz
100MHz
CL-tRCD-tRP
2.5-3-3
2-2-2
2.5-3-3
2-2-2


Similar Part No. - W3EG6466S265AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-JD3 WEDC-W3EG6462S-JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202D3 WEDC-W3EG6462S202D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S202JD3 WEDC-W3EG6462S202JD3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S262D3 WEDC-W3EG6462S262D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6466S265AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6467S-D4 WEDC-W3EG6467S-D4 Datasheet
194Kb / 12P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6462S-D3 WEDC-W3EG6462S-D3 Datasheet
237Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com