Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7218S262AD4 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # W3EG7218S262AD4
Description  128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7218S262AD4 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  W3EG7218S262AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7218S262AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
November 2004
Rev. 1
PRELIMINARY
W3EG7218S-AD4
-BD4
PIN NAMES
A0-A11
Address input (Multiplexed)
BA0-BA1
Bank Select Address
DQ0-DQ63
Data Input/Output
CB0-CB7
Check bits
DQS0-DQS8
Data Strobe Input/Output
CK0
Clock Input
CK0#
Clock Input
CKE0
Clock Enable Input
CS0#
Chip Select Input
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
DQM0-DQM8
Data-In Mask
VCC
Power Supply (2.5V)
VCCQ
Power Supply for DQS (2.5V)
VSS
Ground
VREF
Power Supply for Reference
VCCSPD
Serial EEPROM Power Supply
(2.3V to 3.6V)
SDA
Serial Data I/O
SCL
Serial Clock
SA0-SA2
Address in EEPROM
VCCID
VCC Identification Flag
NC
No Connect
PIN CONFIGURATION
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
1VREF
51
VSS
101
A9
151
DQ42
2VREF
52
VSS
102
AB
152
DQ46
3VSS
53
DQ19
103
VSS
153
DQ43
4VSS
54
DQ23
104
VSS
154
DQ47
5
DQ0
55
DQ24
105
A7
155
VCC
6
DQ4
56
DQ28
106
A6
156
VCC
7
DQ1
57
VCC
107
A5
157
VCC
8
DQ5
58
VCC
108
A4
158
NC
9VCC
59
DQ25
109
A3
159
VSS
10
VCC
60
DQ29
110
A2
160
NC
11
DQS0
61
DQS3
111
A1
161
VSS
12
DQM0
62
DQM3
112
A0
162
VSS
13
DQ2
63
VSS
113
VCC
163
DQ48
14
DQ6
64
VSS
114
VCC
164
DQ52
15
VSS
65
DQ26
115
A10/AP
165
DQ49
16
VSS
66
DQ30
116
BA1
166
DQ53
17
DQ3
67
DQ27
117
RA0
167
VCC
18
DQ7
68
DQ31
118
RAS#
168
VCC
19
DQ8
69
VCC
119
WE#
169
DQS6
20
DQ12
70
VCC
120
CAS#
170
DQM6
21
VCC
71
CB0
121
CS0
171
DQ50
22
VCC
72
CB4
122
NC
172
DQ54
23
DQ9
73
CB1
123
NC
173
VSS
24
DQ13
74
CB5
124
NC
174
VSS
25
DQS1
75
VSS
125
VSS
175
DQ51
26
DQM1
76
VSS
126
VSS
176
DQ55
27
VSS
77
DQS8
127
DQ32
177
DQ56
28
VSS
78
DQM8
128
DQ36
178
DQ60
29
DQ10
79
CB2
129
DQ33
179
VCC
30
DQ14
80
CB6
130
DQ37
180
VCC
31
DQ11
81
VCC
131
VCC
181
DQ57
32
DQ15
82
VCC
132
VCC
182
DQ61
33
VCC
83
CB3
133
DQS4
183
DQS7
34
VCC
84
CB7
134
DQM4
184
DQM7
35
CK0
85
NC
135
DQ34
185
VSS
36
VCC
86
NC
136
DQ38
186
VSS
37
CK0#
87
VSS
137
VSS
187
DQ58
38
VSS
88
VSS
138
VSS
188
DQ62
39
VSS
89
NC
139
DQ35
189
DQ59
40
VSS
90
VSS
140
DQ39
190
DQ63
41
DQ16
91
NC
141
DQ40
191
VCC
42
DQ20
92
VCC
142
DQ44
192
VCC
43
DQ17
93
VCC
143
VCC
193
SDA
44
DQ21
94
VCC
144
VCC
194
SA0
45
VCC
95
NC
145
DQ41
195
SCL
46
VCC
96
CKE0
146
DQ45
196
SA1
47
DQS2
97
NC
147
DQS5
197
VCCSPD
48
DQM2
98
NC
148
DQM5
198
SA2
49
DQ18
99
NC
149
VSS
199
VCCID
50
DQ22
100
A11
150
VSS
200
NC


Similar Part No. - W3EG7218S262AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-AJD3 WEDC-W3EG72125S-AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-JD3 WEDC-W3EG72125S-JD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202AJD3 WEDC-W3EG72125S202AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202D3 WEDC-W3EG72125S202D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG7218S262AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12UB8ALF ELPIDA-EBD12UB8ALF Datasheet
167Kb / 16P
   128MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3HG32M40SEU-PD4 WEDC-WV3HG32M40SEU-PD4 Datasheet
141Kb / 11P
   128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com