Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7234S-D3 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG7234S-D3
Description  256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7234S-D3 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG7234S-D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7234S-D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7234S-D3
-JD3
-AJD3
December 2004
Rev. 2
PRELIMINARY*
256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
DESCRIPTION
The W3EG7234S is a 32Mx72 Double Data Rate
SDRAM memory module based on 128Mb DDR
SDRAM component. The module consists of eighteen
32Mx4 DDR SDRAMs in 66 pin TSOP package
mounted on a 184 Pin FR4 substrate.
Synchronous design allows precise cycle control with
the use of system clock. Data I/O transactions are
possible on both edges and Burst Lenths allow the
same device to be useful for a variety of high bandwidth,
high performance memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
FEATURES
Double-data-rate architecture
Clock speeds: 100MHz and 133MHz
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2,2,5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh
Serial presence detect
Power Supply: 2.5V ± 0.20V
JEDEC standard 184 pin DIMM package
Package height options:
JD3: 30.48mm (1.20")
AJD3: 28.70mm (1.13")
OPERATING FREQUENCIES
DDR266 @CL=2
DDR266 @CL=2.5
DDR200 @CL=2
Clock Speed
133MHz
133MHz
100MHz
CL-tRCD-tRP
2-2-2
2.5-3-3
2-2-2


Similar Part No. - W3EG7234S-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S-BD4 WEDC-W3EG7232S-BD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202AD4-X WEDC-W3EG7232S202AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202BD4-X WEDC-W3EG7232S202BD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S262AD4-X WEDC-W3EG7232S262AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7234S-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
W3DG7233V-D2 WEDC-W3DG7233V-D2 Datasheet
152Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Elpida Memory
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com