Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7235S265JD3 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG7235S265JD3
Description  256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7235S265JD3 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG7235S265JD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
November 2004
Rev. 2
PRELIMINARY*
W3EG7235S-JD3
OPERATING FREQUENCIES
DDR266 @CL=2
DDR266 @CL=2.5
DDR200 @CL=2
Clock Speed
133MHz
133MHz
100MHz
CL-tRCD-tRP
2-2-2
2.5-3-3
2-2-2
256MB – 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
The WED3DG7235S is a 2x16Mx72 Double Data Rate
SDRAM memory module based on 128Mb DDR SDRAM
component. The module consists of eighteen 16Mx8 DDR
SDRAMs in 66 pin TSOP packages mounted on a 184 pin
FR4 substrate.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
DESCRIPTION
FEATURES
Double-data-rate architecture
Speeds of 100MHz and 133MHz
Bi-directional data strobes (DQS)
Differential clock inputs (CK# & CK)
Programmable Read Latency 2,2.5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data
input
Auto and self refresh
Serial presence detect
Dual Rank
Power supply: 2.5V ± 0.20V
JEDEC standard 184 pin DIMM package
Package height option:
JD3 30.48 mm (1:20")
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option


Similar Part No. - W3EG7235S265JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S-BD4 WEDC-W3EG7232S-BD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202AD4-X WEDC-W3EG7232S202AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202BD4-X WEDC-W3EG7232S202BD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S262AD4-X WEDC-W3EG7232S262AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7235S265JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com