Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7235S265JD3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG7235S265JD3
Description  256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7235S265JD3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG7235S265JD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7235S265JD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7235S-JD3
PRELIMINARY
November 2004
Rev. 2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 3.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
9W
Short Circuit Current
IOS
50
mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC CHARACTERISTICS
TA = 0°C to 70°C, VCC = 2.5V ± 0.2V
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
1.15
1.35
V
Termination Voltage
VTT
1.15
1.35
V
Input High Voltage
VIH
VREF+0.15
VCCQ+0.3
V
Input Low Voltage
VIL
-0.3
VREF+0.15
V
Output High Voltage
VOH
VTT+0.76
V
Output Low Voltage
VOL
—VTT-0.76
V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 2.5V
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
6.25
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2
6.25
pF
Input Capacitance (CKE0)
CIN3
6.25
pF
Input Capacitance (CK0#,CK0)
CIN4
5.5
pF
Input Capacitance (CS0#)
CIN5
6.25
pF
Input Capacitance (DQM0-DQM8)
CIN6
13
pF
Input Capacitance (BA0-BA1)
CIN7
6.25
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
13
pF
Data input/output capacitance (CB0-CB7)
COUT
13
pF


Similar Part No. - W3EG7235S265JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S-BD4 WEDC-W3EG7232S-BD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202AD4-X WEDC-W3EG7232S202AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202BD4-X WEDC-W3EG7232S202BD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S262AD4-X WEDC-W3EG7232S262AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7235S265JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com