Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7234S202JD3 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3EG7234S202JD3
Description  256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7234S202JD3 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3EG7234S202JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7234S202JD3 Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7234S-D3
-JD3
-AJD3
December 2004
Rev. 2
PRELIMINARY
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Includes DDR SDRAM components only
Parameter
Symbol
Rank 1
Conditions
DDR266@CL=2
Max
DDR266@CL=2.5
Max
DDR200@CL=2
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge; tRC
= tRC (MIN); tCK = tCK (MIN); DQ,DM and
DQS inputs changing once per clock cycle;
Address and control inputs changing once
every two cycles.
1935
1800
1800
mA
Operating Current
IDD1
One device bank; Active-Read-Precharge
Burst = 2; tRC = tRC (MIN); tCK = tCK (MIN);
lOUT = 0mA; Address and control inputs
changing once per clock cycle.
2115
1935
1935
mA
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power-down mode;
tCK = tCK (MIN); CKE = (low)
54
54
54
mA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK = tCK (MIN); CKE = High; Address
and other control inputs changing once
per clock cycle. VIN = VREF for DQ, DQS
and DM.
810
720
720
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down
mode; tCK (MIN); CKE = (low)
450
360
360
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge;tRC = tRAS (MAX);
tCK = tCK (MIN); DQ, DM and DQS inputs
changing twice per clock cycle; Address
and other control inputs changing once per
clock cycle.
900
810
810
mA
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst; One
device bank active; Address and control
inputs changing once per clock cycle; tCK =
tCK (MIN); lOUT = 0mA.
2160
2025
2025
mA
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst; One
device bank active; Address and control
inputs changing once per clock cycle;
tCK = tCK (MIN); DQ,DM and DQS inputs
changing once per clock cycle.
2115
1980
1980
mA
Auto Refresh Current
IDD5
tRC = tRC (MIN)
3150
3060
3060
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
54
36
36
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4)
with auto precharge with tRC=tRC (MIN);
tCK=tCK(MIN); Address and control inputs
change only during Active Read or Write
commands.
4275
4185
4185
mA


Similar Part No. - W3EG7234S202JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S-BD4 WEDC-W3EG7232S-BD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202AD4-X WEDC-W3EG7232S202AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202BD4-X WEDC-W3EG7232S202BD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S262AD4-X WEDC-W3EG7232S262AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7234S202JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
W3DG7233V-D2 WEDC-W3DG7233V-D2 Datasheet
152Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Elpida Memory
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com