Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7264S335JD3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG7264S335JD3
Description  512MB - 64Mx72 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7264S335JD3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG7264S335JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7264S335JD3 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2005
Rev. 5
W3EG7264S-JD3-D3
PRELIMINARY
Document Title
512MB – 64Mx72 DDR SDRAM UNBUFFERED
Revision History
Rev #
History
Release Date
Status
Rev 0
Created Datasheet
3-6-02
Advanced
Rev 1
Corrected Mechanical Drawing
1-30-03
Advanced
Rev 2
2.1 Added document title page
2.2 Removed "ED" for Part Marking
4-27-04
Preliminary
Rev 3
3.1 Added 333 and 400 MHz speed
3.2 Added lead-free and RoHS notes
12-04
Preliminary
Rev 4
4.1 Updated AC, IDD & CAP specifications
4.2 Corrected Mo drawing
4.3 Added lead-free and RoHS note
4.4 Added source control options
4.5 Added industrial temperature option
2-05
Preliminary
Rev 5
5.1 Added JEDEC Standard (JD3) Package Option
5.2 D3 Not Recommended For New Designs
5-05
Preliminary


Similar Part No. - W3EG7264S335JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S335AD4 WEDC-W3EG7264S335AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7264S335BD4 WEDC-W3EG7264S335BD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7264S335JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com