Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7264S202AD4 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3EG7264S202AD4
Description  512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7264S202AD4 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3EG7264S202AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7264S202AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
White Electronic Designs
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
January 2005
Rev. 3
W3EG7264S-AD4
-BD4
PRELIMINARY*
512MB – 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
Double-data-rate architecture
DDR200, DDR266 DDR333
• JEDEC design specifications
Bi-directional data strobes (DQS)
Differential clock inputs (CK & CK#)
Programmable Read Latency 2,2.5 (clock)
Programmable Burst Length (2,4,8)
Programmable Burst type (sequential & interleave)
Edge aligned data output, center aligned data input
Auto and self refresh
Serial presence detect
Dual Rank
Power supply: 2.5V ± 0.2V
200 pin SO-DIMM package
• Package height options:
AD4: 35.05 mm (1.38”)
BD4: 31.75 mm (1.25”)
NOTE: Consult factory for availability of:
• RoHS compliant products
• Vendor source control options
• Industrial temperature option
The W3EG7264S is a 2x32Mx72 Double Data Rate
SDRAM memory module based on 512Mb DDR SDRAM
components. The module consists of nine 64Mx8 DDR
SDRAMs stacked in 54 pin TSOP packages mounted on
a 200 pin FR4 substrate. This module is structured as 2
Ranks of 64Mx72 DDR SDRAM.
Synchronous design allows precise cycle control with the
use of system clock. Data I/O transactions are possible on
both edges and Burst Lengths allow the same device to be
useful for a variety of high bandwidth, high performance
memory system applications.
* This product is under development, is not qualified or characterized and is subject to
change without notice.
DESCRIPTION
FEATURES
OPERATING FREQUENCIES
DDR333@CL=2.5
DDR266@CL=2
DDR266@CL=2.5
DDR200@CL=2
Clock Speed
166MHz
133MHz
133MHz
100MHz
CL-tRCD-tRP
2.5-3-3
2-2-2
2.5-3-3
2-2-2


Similar Part No. - W3EG7264S202AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S202JD3 WEDC-W3EG7264S202JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG7264S202AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3DG7266V-D1 WEDC-WV3DG7266V-D1 Datasheet
172Kb / 8P
   512MB -2x32Mx72 SDRAM, UNBUFFERED, w/PLL
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7262S-D3 WEDC-W3EG7262S-D3 Datasheet
218Kb / 12P
   512MB - 2X32Mx72 DDR SDRAM UNBUFFERED
W3EG7265S-JD3 WEDC-W3EG7265S-JD3 Datasheet
195Kb / 12P
   512MB - 2x32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG6466S-AD4 WEDC-W3EG6466S-AD4 Datasheet
193Kb / 13P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
WV3EG232M64EFSU-D4 WEDC-WV3EG232M64EFSU-D4 Datasheet
188Kb / 11P
   512MB - 2x32Mx64 DDR SDRAM, UNBUFFERED, w/PLL, FBGA
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com