Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7266S-D3 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W3EG7266S-D3
Description  512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7266S-D3 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W3EG7266S-D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7266S-D3 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7266S-D3
October 2005
Rev. 3
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS (continued)
Notes 1-5, 7; notes appear following parameter tables; 0°C ≤ TA ≤ +70°C; VCC = +2.5V ±0.2V, VCC = +2.5V ±0.2V
AC Characteristics
262/265
202
Parameter
Symbol
Min
Max
Min
Max
Units
Notes
ACTIVE to READ or WRITE delay
tRCD
15
20
ns
PRECHARGE command period
tRP
15
20
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
19
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
ACTIVE bank a to ACTIVE bank b command
tRRD
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
0
0
ns
10,11
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
9
Write recovery time
tWR
15
15
ns
Internal WRITE to READ command delay
tWTR
11
tCK
Data valid output window
NA
tQH-tDQSQ
tQH-tDQSQ
ns
13
REFRESH to REFRESH command interval
tREFC
70.3
70.3
μs
12
Average periodic refresh interval
tREFI
7.8
7.8
μs
12
Terminating voltage delay to VCC
tVTD
00
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
tCK


Similar Part No. - W3EG7266S-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7266S-BD4 WEDC-W3EG7266S-BD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results

Similar Description - W3EG7266S-D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG7265S-JD3 WEDC-W3EG7265S-JD3 Datasheet
195Kb / 12P
   512MB - 2x32Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG64M72EER-D7 WEDC-WV3HG64M72EER-D7 Datasheet
181Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com